Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST4017C Datasheet (PDF) - Infinite Electronics International, Inc.

ST4017C Datasheet PDF - Infinite Electronics International, Inc.
Part # ST4017C
Download  ST4017C Download
File Size   516.73 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description RF Load 1 Watts To 40 GHz With Chain Passivated Stainless Steel 2.92mm Male

ST4017C Datasheet (PDF)

Go To PDF Page Download Datasheet
ST4017C Datasheet PDF - Infinite Electronics International, Inc.

Part # ST4017C
Download  ST4017C Click to download

File Size   516.73 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description RF Load 1 Watts To 40 GHz With Chain Passivated Stainless Steel 2.92mm Male

ST4017C Datasheet (HTML) - Infinite Electronics International, Inc.


ST4017C Product details

Features
• DC to 40 GHz Frequency Range
• VSWR 1.25:1 Max
• Max Power 1 Watt (CW)
• 2.92mm Male Coaxial Interface
• Includes Beaded Chain
• Applications:
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
• Communication




Similar Part No. - ST4017C

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
ST40100C SMC-ST40100C Datasheet
75Kb / 5P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
ST40100C SMCDIODE-ST40100C Datasheet
239Kb / 4P
SCHOTTKY RECTIFIER
Rev. C
logo
Infinite Electronics In...
ST4012 FAIRVIEW-ST4012 Datasheet
476Kb / 4P
RF Load 0.5 Watts To 40 GHz Passivated Stainless Steel 2.92mm Male
REV 2.1
logo
Sangdest Microelectroni...
ST40120C SMC-ST40120C Datasheet
105Kb / 5P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
ST40120C SMCDIODE-ST40120C Datasheet
340Kb / 6P
SCHOTTKY RECTIFIER
Rev. C
More results


Similar Description - ST4017C

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6069 PASTERNACK-PE6069 Datasheet
148Kb / 2P
50 Ohm 0.5 Watts Precision Passivated Stainless Steel SMA Male RF Load With Chain Up To 18 GHz
PE6086 PASTERNACK-PE6086 Datasheet
350Kb / 3P
50 Ohm 0.5 Watts Precision 2.92mm Male RF Load With Chain Up To 40 GHz
PE6072 PASTERNACK-PE6072 Datasheet
244Kb / 2P
50 Ohm 1 Watts Precision Passivated Stainless Steel SMA Male RF Load With Chain Up To 18 GHz
PE6069 PASTERNACK-PE6069_17 Datasheet
360Kb / 4P
1 Watt RF Load with Chain Up to 18 GHz SMA Male Passivated Stainless Steel
PE6072 PASTERNACK-PE6072_17 Datasheet
359Kb / 3P
1 Watt RF Load With Chain Up to 18 GHz With SMA Male Input Passivated Stainless Steel
PE6078 PASTERNACK-PE6078_16 Datasheet
427Kb / 4P
1 Watt RF Load With Chain Up to 26.5 GHz With SMA Male Input Passivated Stainless Steel
PE6085 PASTERNACK-PE6085_16 Datasheet
416Kb / 3P
0.5 Watt RF Load Up to 40 GHz with 2.92mm Male Passivated Stainless Steel
PE6086 PASTERNACK-PE6086_16 Datasheet
420Kb / 4P
0.5 Watt RF Load with Chain Up to 40 GHz with 2.92mm Male Passivated Stainless Steel
PE6087 PASTERNACK-PE6087_16 Datasheet
417Kb / 3P
0.5 Watt RF Load Up to 40 GHz with 2.92mm Female Passivated Stainless Steel
PE6236 PASTERNACK-PE6236_16 Datasheet
424Kb / 4P
1 Watt RF Load With Chain Up to 65 GHz With 1.85mm Male Input Passivated Stainless Steel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com