Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STN1817 Datasheet (PDF) - Infinite Electronics International, Inc.

STN1817 Datasheet PDF - Infinite Electronics International, Inc.
Part # STN1817
Download  STN1817 Download
File Size   503.59 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description RF Load 2 Watts To 18 GHz Tri-Metal Plated Brass N Male

STN1817 Datasheet (PDF)

Go To PDF Page Download Datasheet
STN1817 Datasheet PDF - Infinite Electronics International, Inc.

Part # STN1817
Download  STN1817 Click to download

File Size   503.59 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description RF Load 2 Watts To 18 GHz Tri-Metal Plated Brass N Male

STN1817 Datasheet (HTML) - Infinite Electronics International, Inc.


STN1817 Product details

Features
• DC to 18 GHz Frequency Range
• VSWR 1.25:1 Max
• Max Power 2 Watts (CW)
• N Male Coaxial Interface
• Applications:
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
• Communication




Similar Part No. - STN1817

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
STN1810 STANSON-STN1810 Datasheet
966Kb / 7P
STN1810 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
logo
SHENZHEN DOINGTER SEMIC...
STN1810 DOINGTER-STN1810 Datasheet
1Mb / 6P
N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STN1810 VBSEMI-STN1810 Datasheet
469Kb / 9P
N-Channel 100 V (D-S) MOSFET
logo
Infinite Electronics In...
STN1811 FAIRVIEW-STN1811 Datasheet
500Kb / 3P
STN1811 DATA SHEET RF Load 2 Watts To 18 GHz Tri-Metal Plated Brass N Male
REV 3.0
STN1811C FAIRVIEW-STN1811C Datasheet
502Kb / 3P
RF Load 2 Watts To 18 GHz With Chain Tri-Metal Plated Brass N Male
REV 2.0
More results


Similar Description - STN1817

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6035 PASTERNACK-PE6035 Datasheet
236Kb / 2P
50 Ohm 10 Watts Brass N Male RF Load Up To 18 GHz
PE6154 PASTERNACK-PE6154 Datasheet
234Kb / 1P
50 Ohm 2 Watts Brass N Male RF Load Up To 4 GHz
PE6100 PASTERNACK-PE6100 Datasheet
209Kb / 3P
50 Ohm 5 Watts Tri-Metal Plated Brass 7-16 DIN Male RF Load Up To 7 GHz
PE6196 PASTERNACK-PE6196 Datasheet
237Kb / 3P
50 Ohm 2 Watts Tri-Metal Plated Brass 7-16 DIN Male RF Load Up To 6 GHz
PE6229 PASTERNACK-PE6229 Datasheet
231Kb / 3P
50 Ohm 2 Watts Tri-Metal Plated Brass TNC Female RF Load Up To 6 GHz
PE6249 PASTERNACK-PE6249 Datasheet
308Kb / 2P
Low Power 2 Watts RF Load Up To 6 GHz With N Male Input Tri-Metal Plated Brass
PE6196 PASTERNACK-PE6196_16 Datasheet
423Kb / 4P
2 Watt RF Load Up to 6 GHz Male Input IP67 Rated Tri-Metal Plated Brass
PE6229 PASTERNACK-PE6229_16 Datasheet
418Kb / 3P
2 Watt RF Load Up to 6 GHz With TNC Female Input Tri-Metal Plated Brass
PE6248 PASTERNACK-PE6248_16 Datasheet
350Kb / 4P
2 Watt RF Load Up to 6 GHz with N Male Tri-Metal Plated Brass
PE6249 PASTERNACK-PE6249_16 Datasheet
420Kb / 4P
2 Watt RF Load Up to 6 GHz With N Male Input Tri-Metal Plated Brass
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com