Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE14-400 Datasheet (PDF) - FLEXTRAL

PE14-400 Datasheet PDF - FLEXTRAL
Part # PE14-400
Download  PE14-400 Download
File Size   436.51 Kbytes
Page   1 Pages
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL
Description PE14 Petro-Flex Smooth Tank Truck

PE14-400 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE14-400 Datasheet PDF - FLEXTRAL

Part # PE14-400
Download  PE14-400 Click to download

File Size   436.51 Kbytes
Page   1 Pages
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL
Description PE14 Petro-Flex Smooth Tank Truck

PE14-400 Datasheet (HTML) - FLEXTRAL


PE14-400 Product details

Application:
For use with petroleum based products with aromatic content up to 50%. An all purpose petroleum
suction and discharge hose. For tank truck and in plant operations to transfer gasoline, kerosene,
diesel, fats, grease, animal, and vegetable oils - may also be used for hydraulic suction and return
lines. Rated full vacuum.




Similar Part No. - PE14-400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE140 VISHAY-PE140 Datasheet
122Kb / 3P
Plate Capacitors with Contoured Rim - Class 1 Ceramic
20-Nov-01
logo
Pasternack Enterprises,...
PE1400 PASTERNACK-PE1400 Datasheet
322Kb / 3P
Rotary Joint Operating to 18 GHz 2.92mm
PE1401 PASTERNACK-PE1401 Datasheet
325Kb / 3P
Rotary Joint Operating to 6 GHz SMA
PE1402 PASTERNACK-PE1402 Datasheet
325Kb / 3P
Rotary Joint Operating to 18 GHz 2.92mm
logo
Pan Jit International I...
PE1403M1Q PANJIT-PE1403M1Q Datasheet
344Kb / 5P
Ultra Low Capacitance ESD Protection
April 15,2017-REV.00
More results


Similar Description - PE14-400

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0003 RFMD-AN0003 Datasheet
34Kb / 4P
A Quick Guide to Tank Circuits
logo
List of Unclassifed Man...
TAT400 ETC2-TAT400 Datasheet
309Kb / 1P
Tank Immersion Heaters General Purpose Tank or Reservoir Water
logo
Ralston Instruments.
NPAK-0050 RALSTON-NPAK-0050 Datasheet
206Kb / 1P
NPAK tube connecting tank fill valve to "tank pressure" gauge
logo
Cynergy3 Co
ILLS CYNERGY3-ILLS Datasheet
88Kb / 2P
Submersible Tank Gauging Level Transmitter
ILLSU CYNERGY3-ILLSU Datasheet
91Kb / 2P
Submersible Tank Gauging Level Transmitter
logo
Mallory performance clu...
PN2957 MALLORY-PN2957 Datasheet
8Mb / 24P
Atomic LS Master Truck EFI Kits
logo
TE Connectivity Ltd
CAT-ATS0027 TEC-CAT-ATS0027 Datasheet
106Kb / 1P
TURBOCHARGER PNEUMATIC ACTUATOR POSITION SENSOR (TRUCK)
logo
Ultralife Corporation.
UB0032 ULTRALIFE-UB0032 Datasheet
474Kb / 2P
Javelin Medium Anti-Tank CLU
Rev: D
logo
List of Unclassifed Man...
D01955 ETC-D01955 Datasheet
152Kb / 1P
150kg Platform Truck
28/08/14
logo
TE Connectivity Ltd
408-10393 TEC-408-10393 Datasheet
504Kb / 5P
Truck Light Connector System
2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com