Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEPS225T0A Datasheet (PDF) - List of Unclassifed Manufacturers

SEPS225T0A Datasheet PDF - List of Unclassifed Manufacturers
Part # SEPS225T0A
Download  SEPS225T0A Download
File Size   1421.33 Kbytes
Page   44 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 128 x 128 Dots, 262K Colors PM-OLED Display Driver and Controller

SEPS225T0A Datasheet (PDF)

Go To PDF Page Download Datasheet
SEPS225T0A Datasheet PDF - List of Unclassifed Manufacturers

Part # SEPS225T0A
Download  SEPS225T0A Click to download

File Size   1421.33 Kbytes
Page   44 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 128 x 128 Dots, 262K Colors PM-OLED Display Driver and Controller

SEPS225T0A Datasheet (HTML) - List of Unclassifed Manufacturers


SEPS225T0A Product details

[SYNCOAM Co., Ltd]

Product Preview
▪ 262k colors OLED single chip display driver IC
▪ Data Interface
   - Parallel interface : 68/80series MPU(8/16/18-bit)
   - Serial interface : SPI 4-wire interface
   - RGB interface : 18/16/6-bit interface
▪ Driver Output
   - 128× RGB columns(384), 128 rows
▪ Display RAM Capacity
   - 128 × 18(RGB) × 128 = 294,912 bits
▪ Various Instructions Set
   - Power save mode
   - Reduced current driving available
   - Window mode
   - Partial display : programmable panel display size
   - Vertical scroll & Horizontal panning
▪ OLED Column Drive
   - Driving current control : 8-bit, 0uA ~ 255uA by 1uA step control
   - Pre_charge current control : 8-bit, 0uA ~ 2040uA by 8uA step control
   - Pre_charge time control : programmable pre_charge time(0clock ~ 14clocks) based on internal oscillator clock
▪ OLED Row Drive
   - Current sink : Max 100mA
▪ Internal Oscillator Circuit
   - Internal / External clock selectable
   - Frame rate : 90 frames/sec( 75.0 ~ 150.0 frames/sec adjustable)
▪ Supply Voltage
   - VDD : 2.4 ~ 3.3V
   - VDDH : 8.0 ~ 18.0V
▪ Package : Au Bumped




Similar Part No. - SEPS225T0A

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SEPS-2-33 MINI-SEPS-2-33 Datasheet
366Kb / 2P
Power Splitter/Combiner
SEPS-2-63 MINI-SEPS-2-63 Datasheet
399Kb / 3P
Power Splitter/Combiner
SEPS-3-33 MINI-SEPS-3-33 Datasheet
425Kb / 2P
Power Splitter/Combiner
SEPS-4-222 MINI-SEPS-4-222 Datasheet
340Kb / 1P
Power Splitter/Combiner
SEPS-4-272 MINI-SEPS-4-272 Datasheet
380Kb / 1P
Power Splitter/Combiner
More results


Similar Description - SEPS225T0A

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BL128128C2 BOLYMIN-BL128128C2 Datasheet
316Kb / 1P
OLED Display 128 x 128 dots Built-in controller SSD1355
BL12832D BOLYMIN-BL12832D_17 Datasheet
97Kb / 1P
OLED display 128 x 32 dots
BL12864G2 BOLYMIN-BL12864G2_17 Datasheet
146Kb / 1P
OLED display 128 x 32 dots
BL12864G3 BOLYMIN-BL12864G3_17 Datasheet
211Kb / 1P
OLED display 128 x 64 dots
BL12864J BOLYMIN-BL12864J_17 Datasheet
619Kb / 1P
OLED display 128 x 64 dots
BL12896A BOLYMIN-BL12896A_17 Datasheet
551Kb / 1P
OLED display 128 x 96 dots
BL25664B BOLYMIN-BL25664B_17 Datasheet
272Kb / 1P
OLED display 128 x 64 dots
BL128128C3 BOLYMIN-BL128128C3_17 Datasheet
472Kb / 1P
OLED display 128 x 128 dots
BL160128A BOLYMIN-BL160128A_17 Datasheet
674Kb / 1P
OLED display 160 x 128 dots
BL12832D BOLYMIN-BL12832D Datasheet
97Kb / 1P
OLED display 128 x 32 dots
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com