Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS115CLR Datasheet (PDF) - Pro-Power

HS115CLR Datasheet PDF - Pro-Power
Part # HS115CLR
Download  HS115CLR Download
File Size   153.72 Kbytes
Page   2 Pages
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power
Description 3:1 Polyolefin Dual Wall Heat Shrink Tubing, Clear

HS115CLR Datasheet (PDF)

Go To PDF Page Download Datasheet
HS115CLR Datasheet PDF - Pro-Power

Part # HS115CLR
Download  HS115CLR Click to download

File Size   153.72 Kbytes
Page   2 Pages
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power
Description 3:1 Polyolefin Dual Wall Heat Shrink Tubing, Clear

HS115CLR Datasheet (HTML) - Pro-Power


HS115CLR Product details

Features
•
Operating temperature -45°C to +125°C
•
Minimum shrink temperature 70°C
•
Full recovery temperature 125°C
•
Shrink Ratio 3:1
•
Colour: Clear ( Transparent )

Applications
Manufactured by co-extrusion of polyolefin and hot-melt adhesive. Designed to provide both insulation and sealing for protected articles. Used to protect auto wires, shipping cable, bundle wires and metal tubes against water and moisture. High expansion ratio makes it possible to repair most damaged cable jackets without removing connectors.

Description
Dual Wall Heat Shrink Tubing, Polyolefin, 3:1, Clear, 3.2mm, 10m




Similar Part No. - HS115CLR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HS115 ETC2-HS115 Datasheet
147Kb / 2P
Heat Shrink Tubings HS100 Series
logo
Multicomp Pro
HS115 MULTICOMP-HS115 Datasheet
163Kb / 2P
Heat Shrink Tubing
23/06/22 V1.0
HS115 MULTICOMP-HS115 Datasheet
154Kb / 2P
Adhesive Lined Heat Shrink Tubing
15/12/20 V1.0
HS115 1.2M MULTICOMP-HS115 1.2M Datasheet
163Kb / 2P
Heat Shrink Tubing
23/06/22 V1.0
HS115-100 MULTICOMP-HS115-100 Datasheet
154Kb / 2P
Adhesive Lined Heat Shrink Tubing
15/12/20 V1.0
More results


Similar Description - HS115CLR

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q2-CB QUALTEK-Q2-CB Datasheet
397Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-HF QUALTEK-Q2-HF Datasheet
796Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-LS QUALTEK-Q2-LS Datasheet
821Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-F4X QUALTEK-Q2-F4X_13 Datasheet
662Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-R QUALTEK-Q2-R_13 Datasheet
649Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q-150K QUALTEK-Q-150K_13 Datasheet
758Kb / 1P
HEAT SHRINK THIN WALL TUBING
logo
Adam Technologies, Inc.
HST-A-XXX-XX-X-SR31 ADAM-TECH-HST-A-XXX-XX-X-SR31 Datasheet
317Kb / 2P
DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev C
HST-A-XXX-XX-X-SR41 ADAM-TECH-HST-A-XXX-XX-X-SR41 Datasheet
292Kb / 2P
DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev. C
HST-XX-XX-X ADAM-TECH-HST-XX-XX-X Datasheet
867Kb / 2P
HEAT SHRINK TUBING, SINGLE WALL, FLAME RETARDANT POLYOLEFIN
Rev. B
logo
TE Connectivity Ltd
DWHF TEC-DWHF Datasheet
169Kb / 2P
DWHF – IRRADIATED MODIFIED POLYOLEFIN DUAL WALL HEAT SHRINK TUBING
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com