Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1338-18DCGI Datasheet (PDF) - Renesas Technology Corp

1338-18DCGI Datasheet PDF - Renesas Technology Corp
Part # 1338-18DCGI
Download  1338-18DCGI Download
File Size   1048.13 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Real-Time Clock with Battery Backed Non-Volatile RAM

1338-18DCGI Datasheet (PDF)

Go To PDF Page Download Datasheet
1338-18DCGI Datasheet PDF - Renesas Technology Corp

Part # 1338-18DCGI
Download  1338-18DCGI Click to download

File Size   1048.13 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Real-Time Clock with Battery Backed Non-Volatile RAM

1338-18DCGI Datasheet (HTML) - Renesas Technology Corp


1338-18DCGI Product details

• Real-Time Clock (RTC) counts seconds, minutes, hours,
day, date, month, and year with leap-year compensation
valid up to 2100
• 56-byte battery-backed Non-Volatile RAM for datastorage
• Fast mode I2C serial interface
• Automatic power-fail detect and switch circuitry
• Programmable square-wave output
• Packaged in 8-pin MSOP, 8-pin SOIC, or 16-pin SOIC
(surface-mount package with an integrated crystal)
• Industrial temperature range (-40°C to +85°C)




Similar Part No. - 1338-18DCGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
1338-18DCGI IDT-1338-18DCGI Datasheet
436Kb / 23P
REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
1338-18DCGI IDT-1338-18DCGI Datasheet
321Kb / 23P
REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
logo
Renesas Technology Corp
1338-18DCGI RENESAS-1338-18DCGI Datasheet
748Kb / 24P
Real-Time Clock with Battery Backed Non-Volatile RAM
September 30, 2020
1338-18DCGI RENESAS-1338-18DCGI Datasheet
1Mb / 24P
Real-Time Clock with Battery Backed Non-Volatile RAM
December 14, 2023
logo
Integrated Device Techn...
1338-18DCGI8 IDT-1338-18DCGI8 Datasheet
436Kb / 23P
REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
More results


Similar Description - 1338-18DCGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT1338 IDT-IDT1338 Datasheet
436Kb / 23P
REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
IDT1338 IDT-IDT1338_10 Datasheet
321Kb / 23P
REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
logo
Microchip Technology
MCP79410 MICROCHIP-MCP79410_13 Datasheet
1Mb / 60P
Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
11/29/12 2010-2013
MCP79400 MICROCHIP-MCP79400_16 Datasheet
920Kb / 62P
Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
06/23/16
logo
Renesas Technology Corp
ISL1208 RENESAS-ISL1208 Datasheet
1,010Kb / 24P
I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N_V01 Datasheet
727Kb / 58P
Battery-Backed I2C Real-Time Clock/Calendar with SRAM
09/14/21
MCP7951X MICROCHIP-MCP7951X Datasheet
899Kb / 58P
Battery-Backed SPI Real-Time Clock/Calendar
09/14/21
logo
Renesas Technology Corp
1338-18DCGI RENESAS-1338-18DCGI Datasheet
748Kb / 24P
Real-Time Clock with Battery Backed Non-Volatile RAM
September 30, 2020
ISL1208 RENESAS-ISL1208_V01 Datasheet
1Mb / 25P
I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
Jul 15, 2022
IDT1338B-31 RENESAS-IDT1338B-31 Datasheet
649Kb / 24P
REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
112309
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com