Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1343178 Datasheet (PDF) - PHOENIX CONTACT

1343178 Datasheet PDF - PHOENIX CONTACT
Part # 1343178
Download  1343178 Download
File Size   310.78 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description XT 4 BU - Feed-through terminal block

1343178 Datasheet (PDF)

Go To PDF Page Download Datasheet
1343178 Datasheet PDF - PHOENIX CONTACT

Part # 1343178
Download  1343178 Click to download

File Size   310.78 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description XT 4 BU - Feed-through terminal block

1343178 Datasheet (HTML) - PHOENIX CONTACT


1343178 Product details

Feed-through terminal block, nom. voltage: 1000 V, nominal current: 32 A, number of
connections: 2, number of positions: 1, connection method: Push-X-connection, Rated cross
section: 4 mm2, cross section: 0.75 mm2 - 6 mm2, mounting type: NS 35/7,5, NS 35/15, color:
blue




Similar Part No. - 1343178

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
13431 ATOM-13431 Datasheet
964Kb / 2P
AT9460
24th of January 2025 18:12:18
logo
PHOENIX CONTACT
1343120 PHOENIX-1343120 Datasheet
203Kb / 7P
E-WML 4 (25X6)R - Wire-wrap label
1343122 PHOENIX-1343122 Datasheet
203Kb / 7P
E-WML 6 (25X13)R - Wire-wrap label
1343141 PHOENIX-1343141 Datasheet
176Kb / 4P
D-XT 1,5/2,5 - End cover
1343146 PHOENIX-1343146 Datasheet
175Kb / 4P
D-XT 2,5-TWIN - End cover
More results


Similar Description - 1343178

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3033061 PHOENIX-3033061 Datasheet
122Kb / 12P
Feed-through terminal block - STU 4-TWIN BU
3033168 PHOENIX-3033168 Datasheet
132Kb / 15P
Feed-through terminal block - STTBU 4 BU
3073076 PHOENIX-3073076 Datasheet
153Kb / 18P
Feed-through terminal block - UT 4-QUATTRO-TG BU
3211856 PHOENIX-3211856 Datasheet
189Kb / 24P
Feed-through terminal block - PTU 4 BU
3213602 PHOENIX-3213602 Datasheet
76Kb / 5P
Feed-through terminal block - PTS 4 BU
3213605 PHOENIX-3213605 Datasheet
190Kb / 24P
Feed-through terminal block - PTS 4-TWIN BU
3248036 PHOENIX-3248036 Datasheet
63Kb / 4P
Mini feed-through terminal block - MUT 4 BU
3059265 PHOENIX-3059265 Datasheet
546Kb / 21P
Feed-through terminal block - UTTB 4-PV BU
3211760 PHOENIX-3211760 Datasheet
627Kb / 30P
Feed-through terminal block - PT 4 BU
3060270 PHOENIX-3060270 Datasheet
84Kb / 5P
Feed-through terminal block - UT 4-TWIN/ 1P BU
09/21/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com