Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNG-800 Datasheet (PDF) - FLEXTRAL

CNG-800 Datasheet PDF - FLEXTRAL
Part # CNG-800
Download  CNG-800 Download
File Size   445.7 Kbytes
Page   1 Pages
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL
Description WA96 HD Long Length Fast Delivery Hose

CNG-800 Datasheet (PDF)

Go To PDF Page Download Datasheet
CNG-800 Datasheet PDF - FLEXTRAL

Part # CNG-800
Download  CNG-800 Click to download

File Size   445.7 Kbytes
Page   1 Pages
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL
Description WA96 HD Long Length Fast Delivery Hose

CNG-800 Datasheet (HTML) - FLEXTRAL


CNG-800 Product details

Application:
Made for heavy-duty service under the toughest conditions. Used to transport oil and gas,
irrigation and sludge disposal, agriculture and mining operations. Designed for hydraulic
fracture water transfer, processed water/fresh water transfer. Best solution for fluid delivery
and transport, and abrasive materials transport. Flexible pipeline, even in extreme terrain.




Similar Part No. - CNG-800

ManufacturerPart #DatasheetDescription
logo
FLEXTRAL
CNG-800 FLEXTRAL-CNG-800 Datasheet
446Kb / 1P
WA95 Long Length Fast Delivery Hose
V04.21
More results


Similar Description - CNG-800

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QSQS-HOS-1M RALSTON-QSQS-HOS-1M Datasheet
320Kb / 1P
Quick-test hose, S.S. hose ends, 1 m (3.3 ft) long
QSQS-HOS-2FT RALSTON-QSQS-HOS-2FT Datasheet
320Kb / 1P
Quick-test hose, S.S. hose ends, 2 ft (61 cm) long
QSQS-HOS-2M RALSTON-QSQS-HOS-2M Datasheet
320Kb / 1P
Quick-test hose, S.S. hose ends, 2 m (6.6 ft) long
QTQT-HOS-8FT RALSTON-QTQT-HOS-8FT Datasheet
263Kb / 1P
Quick-test hose, brass hose ends, 8 ft (2.44 m) long
XTXT-HOS-2FT RALSTON-XTXT-HOS-2FT Datasheet
269Kb / 1P
Quick-test XT 10,000 psi hose, S.S. hose ends, 2ft long
XTXT-HOS-8FT RALSTON-XTXT-HOS-8FT Datasheet
269Kb / 1P
Quick-test XT 10,000 psi hose, S.S. hose ends, 8ft long
logo
ILSI America LLC
IM821 ILSI-IM821 Datasheet
613Kb / 9P
Fast delivery times
logo
Ralston Instruments.
XTXT-HOS-3FT RALSTON-XTXT-HOS-3FT_19 Datasheet
299Kb / 1P
Quick-test XT 10,000 psi hose, S.S. hose ends, 3ft long
XTXT-HOS-2FT RALSTON-XTXT-HOS-2FT_19 Datasheet
299Kb / 1P
Quick-test XT 10,000 psi hose, S.S. hose ends, 2ft long
XTXT-HOS-8FT RALSTON-XTXT-HOS-8FT_19 Datasheet
299Kb / 1P
Quick-test XT 10,000 psi hose, S.S. hose ends, 8ft long
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com