Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

343174 Datasheet (PDF) - PHOENIX CONTACT

343174 Datasheet PDF - PHOENIX CONTACT
Part # 343174
Download  343174 Download
File Size   308.11 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description XT 4 - Feed-through terminal block

343174 Datasheet (PDF)

Go To PDF Page Download Datasheet
343174 Datasheet PDF - PHOENIX CONTACT

Part # 343174
Download  343174 Click to download

File Size   308.11 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description XT 4 - Feed-through terminal block

343174 Datasheet (HTML) - PHOENIX CONTACT


343174 Product details

Feed-through terminal block, nom. voltage: 1000 V, nominal current: 32 A, number of
connections: 2, number of positions: 1, connection method: Push-X-connection, Rated cross
section: 4 mm2, cross section: 0.75 mm2 - 6 mm2, mounting type: NS 35/7,5, NS 35/15, color:
gray




Similar Part No. - 343174

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3431 3M-3431 Datasheet
682Kb / 5P
3M Pak 100 4-Wall Header
07-Jan-2005
3431 3M-3431 Datasheet
1Mb / 5P
100" × .100" Latch/Ejector, Straight and Right Angle
October 2, 2012
3431 3M-3431 Datasheet
749Kb / 6P
4-WALL HEADER, ,100 X 100 LATCH/EJECT STRAIGHT & RA
logo
Heyco.
3431 HEYCO-3431 Datasheet
106Kb / 1P
Beaded Ties
logo
Adafruit Industries
3431 ADAFRUIT-3431 Datasheet
317Kb / 2P
Mini LED Arcade Button - 24mm Translucent Yellow
6-14-17
More results


Similar Description - 343174

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3211757 PHOENIX-3211757 Datasheet
98Kb / 7P
Feed-through terminal block - PT 4
3212141 PHOENIX-3212141 Datasheet
217Kb / 20P
Feed-through terminal block - PTMED 4
3213601 PHOENIX-3213601 Datasheet
81Kb / 6P
Feed-through terminal block - PTS 4
0707086 PHOENIX-0707086 Datasheet
84Kb / 6P
Feed-through terminal block - HDFK 4
0708250 PHOENIX-0708250 Datasheet
64Kb / 4P
Feed-through terminal block - VDFK 4
0708357 PHOENIX-0708357 Datasheet
104Kb / 6P
Feed-through terminal block - DFK 4
0709026 PHOENIX-0709026 Datasheet
85Kb / 6P
Feed-through terminal block - HDFKV 4
3073306 PHOENIX-3073306 Datasheet
97Kb / 7P
Feed-through terminal block - UW 4
3047465 PHOENIX-3047465 Datasheet
489Kb / 25P
Feed-through terminal block - UTMED 4
2780014 PHOENIX-2780014 Datasheet
141Kb / 11P
Feed-through terminal block - UXKK 4
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com