Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1337AGDCGI8 Datasheet (PDF) - Renesas Technology Corp

1337AGDCGI8 Datasheet PDF - Renesas Technology Corp
Part # 1337AGDCGI8
Download  1337AGDCGI8 Download
File Size   396.38 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description REAL-TIME CLOCK WITH I2C SERIAL INTERFACE

1337AGDCGI8 Datasheet (PDF)

Go To PDF Page Download Datasheet
1337AGDCGI8 Datasheet PDF - Renesas Technology Corp

Part # 1337AGDCGI8
Download  1337AGDCGI8 Click to download

File Size   396.38 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description REAL-TIME CLOCK WITH I2C SERIAL INTERFACE

1337AGDCGI8 Datasheet (HTML) - Renesas Technology Corp


1337AGDCGI8 Product details

• Real-Time Clock (RTC) counts seconds, minutes, hours,
day, date, month, and year with leap-year compensation
valid up to 2100
• Packaged in 8-pin MSOP, 8-pin SOIC, or 16-pin SOIC
(surface-mount package with an integrated crystal)
• I2C serial interface (Normal and Fast modes)
• Two time-of-day alarms
• Oscillator stop flag
• Programmable square-wave output defaults to 32kHz on power-up
• Operating voltage of 1.8 to 5.5V
• Industrial temperature range (-40 to +85°C)




Similar Part No. - 1337AGDCGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
1337AGDCGI8 RENESAS-1337AGDCGI8 Datasheet
401Kb / 27P
REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
REV D 071417
More results


Similar Description - 1337AGDCGI8

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
I2C Serial Real-Time Clock
REV: 092006
logo
Integrated Device Techn...
IDT1339 IDT-IDT1339 Datasheet
362Kb / 27P
REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
1337CSRI IDT-1337CSRI Datasheet
368Kb / 24P
REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
logo
Maxim Integrated Produc...
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
I2C Serial Real-Time Clock
Rev 4/11
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
RICOH electronics devic...
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
April 1, 2012
logo
Renesas Technology Corp
IDT1337AG RENESAS-IDT1337AG Datasheet
401Kb / 27P
REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
REV D 071417
IDT1339 RENESAS-IDT1339 Datasheet
488Kb / 27P
REAL-TIME CLOCK WITH SERIAL I2C INTERFACE IDT1339
REV S 031014
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com