Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2761B-1 Datasheet (PDF) - Renesas Technology Corp

PS2761B-1 Datasheet PDF - Renesas Technology Corp
Part # PS2761B-1
Download  PS2761B-1 Download
File Size   5352.15 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110 °C

PS2761B-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS2761B-1 Datasheet PDF - Renesas Technology Corp

Part # PS2761B-1
Download  PS2761B-1 Click to download

File Size   5352.15 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110 °C

PS2761B-1 Datasheet (HTML) - Renesas Technology Corp


PS2761B-1 Product details

• Operating ambient temperature: 110 °C
• Isolation distance (0.4 mm MIN.)
• High isolation voltage (BV = 3 750 Vr.m.s.)
• SOP (Small Outline Package) type
• High-speed switching (tr = 4 μs TYP., tf = 5 μs TYP.)
• Embossed tape product:PS2761B-1-F3: 3 500 pcs/reel
• Pb-free product
• Safety standards
• UL approved: UL 1577, Double protection
• CSA approved: CSA C22.2 No. 62368-1, Reinforced insulation
• BSI approved: BS EN IEC 62368-1, Reinforced insulation
• SEMKO approved: EN IEC 62368-1, Reinforced insulation
• NEMKO approved: EN IEC 62368-1, Reinforced insulation
• FIMKO approved: EN IEC 62368-1, Reinforced insulation
• DEMKO approved: EN IEC 62368-1, Reinforced insulation
• CQC approved: GB 4943.1-2022, Reinforced insulation
• VDE approved: DIN EN IEC 60747-5-5 (Option)




Similar Part No. - PS2761B-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2761B-1 NEC-PS2761B-1 Datasheet
130Kb / 13P
4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2761B-1 CEL-PS2761B-1 Datasheet
210Kb / 13P
4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2761B-1 RENESAS-PS2761B-1 Datasheet
5Mb / 15P
4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110C
Jun 19, 2019
logo
NEC
PS2761B-1-A NEC-PS2761B-1-A Datasheet
130Kb / 13P
4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2761B-1-A CEL-PS2761B-1-A Datasheet
210Kb / 13P
4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
More results


Similar Description - PS2761B-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2761B-1 NEC-PS2761B-1 Datasheet
130Kb / 13P
4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2381-1 RENESAS-PS2381-1 Datasheet
257Kb / 15P
4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
PS2861B-1 RENESAS-PS2861B-1 Datasheet
255Kb / 15P
4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2861B-1 CEL-PS2861B-1 Datasheet
245Kb / 13P
4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110쨘C
PS2761B-1 CEL-PS2761B-1 Datasheet
210Kb / 13P
4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2381-1 CEL-PS2381-1 Datasheet
241Kb / 13P
4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
logo
Renesas Technology Corp
PS2761B-1 RENESAS-PS2761B-1_15 Datasheet
282Kb / 15P
4-PIN SOP PHOTOCOUPLER
PS2861B-1 RENESAS-PS2861B-1_15 Datasheet
292Kb / 15P
4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2381-1 RENESAS-PS2381-1_15 Datasheet
249Kb / 15P
4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
PS2761B-1 RENESAS-PS2761B-1 Datasheet
5Mb / 15P
4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110C
Jun 19, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com