Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08DJ5200RF Datasheet (PDF) - Texas Instruments

ADC08DJ5200RF Datasheet PDF - Texas Instruments
Part # ADC08DJ5200RF
Download  ADC08DJ5200RF Download
File Size   8894.75 Kbytes
Page   222 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC12DJ52x0RF 10.4GSPS Single-Channel or 5.2GSPS Dual-Channel, 12-bit, RFSampling Analog-to-Digital Converter (ADC)

ADC08DJ5200RF Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC08DJ5200RF Datasheet PDF - Texas Instruments

Part # ADC08DJ5200RF
Download  ADC08DJ5200RF Click to download

File Size   8894.75 Kbytes
Page   222 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC12DJ52x0RF 10.4GSPS Single-Channel or 5.2GSPS Dual-Channel, 12-bit, RFSampling Analog-to-Digital Converter (ADC)

ADC08DJ5200RF Datasheet (HTML) - Texas Instruments


ADC08DJ5200RF Product details

1 Features
• ADC core:
– 12-bit resolution
– Up to 10.4GSPS in single-channel mode
– Up to 5.2GSPS in dual-channel mode
• Performance specifications:
– Noise floor (–20dBFS, VFS = 1VPP-DIFF):
• Dual-channel mode: –151.8dBFS/Hz
• Single-channel mode: –154.4dBFS/Hz
– ENOB (dual channel, FIN = 2.4GHz): 8.6 Bits
• Buffered analog inputs with VCMI of 0V:
– Analog input bandwidth (–3dB): 8GHz
– Usable input frequency range: > 10GHz
– Full-scale input voltage (VFS, default): 0.8VPP
• Noiseless aperture delay (tAD) adjustment:
– Precise sampling control: 19fs Step
– Simplifies synchronization and interleaving
– Temperature and voltage invariant delays
• Easy-to-use synchronization features:
– Automatic SYSREF timing calibration
– Timestamp for sample marking
• JESD204C serial data interface:
– Maximum lane rate: 17.16Gbps
– Support for 64b/66b and 8b/10b encoding
– 8b/10b modes are JESD204B compatible
• Optional digital down-converters (DDC):
– 4x, 8x, 16x and 32x complex decimation
– Four independent 32-Bit NCOs per DDC
• Peak RF Input Power (Diff): +26.5dBm (+27.5dBFS, 560x fullscale power)
• Programmable FIR filter for equalization
• Power consumption: 4W
• Power supplies: 1.1V, 1.9V




Similar Part No. - ADC08DJ5200RF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC08DJ5200RF TI-ADC08DJ5200RF Datasheet
5Mb / 159P
ADC08DJ5200RF 10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 8-bit, RFSampling Analog-to-Digital Converter (ADC)
ADC08DJ5200RF TI-ADC08DJ5200RF Datasheet
5Mb / 199P
ADC12DJ4000RF 8-GSPS Single-Channel or 4-GSPS Dual-Channel, 12-bit, RFSampling Analog-to-Digital Converter (ADC)
ADC08DJ5200RFAAV TI-ADC08DJ5200RFAAV Datasheet
5Mb / 159P
ADC08DJ5200RF 10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 8-bit, RFSampling Analog-to-Digital Converter (ADC)
ADC08DJ5200RFAAVT TI-ADC08DJ5200RFAAVT Datasheet
5Mb / 159P
ADC08DJ5200RF 10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 8-bit, RFSampling Analog-to-Digital Converter (ADC)
More results


Similar Description - ADC08DJ5200RF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DJ3200 TI1-ADC12DJ3200 Datasheet
1Mb / 111P
6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ2700 TI1-ADC12DJ2700 Datasheet
2Mb / 146P
5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_19 Datasheet
3Mb / 155P
6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ5200RF TI1-ADC12DJ5200RF Datasheet
1Mb / 144P
10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ2700 TI1-ADC12DJ2700_V01 Datasheet
2Mb / 146P
ADC12DJ2700 5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_V01 Datasheet
3Mb / 155P
ADC12DJ3200 6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC08DJ5200RF TI-ADC08DJ5200RF Datasheet
5Mb / 159P
ADC08DJ5200RF 10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 8-bit, RFSampling Analog-to-Digital Converter (ADC)
ADC12DJ4000RF TI-ADC12DJ4000RF Datasheet
5Mb / 199P
ADC12DJ4000RF 8-GSPS Single-Channel or 4-GSPS Dual-Channel, 12-bit, RFSampling Analog-to-Digital Converter (ADC)
ADC12DJ5200RF TI-ADC12DJ5200RF_V01 Datasheet
7Mb / 207P
ADC12DJ5200RF 10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com