Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6040HDWR Datasheet (PDF) - Texas Instruments

ISO6040HDWR Datasheet PDF - Texas Instruments
Part # ISO6040HDWR
Download  ISO6040HDWR Download
File Size   2488.79 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support

ISO6040HDWR Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO6040HDWR Datasheet PDF - Texas Instruments

Part # ISO6040HDWR
Download  ISO6040HDWR Click to download

File Size   2488.79 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support

ISO6040HDWR Datasheet (HTML) - Texas Instruments


ISO6040HDWR Product details

1 Features
• Functional Safety-Capable (Planned)
– Documentation available to aid IEC 61508 system design
• Supports High Bandwidth and Clock Sensitive Applications
– Up to 200Mbps data rate
– Low Propagation Delay: 9ns maximum at 5V, 10ns maximum at 3.3V
– SPI up to: 27.75MHz at 5V, 25MHz at 3.3V
– Low Pulse Width Distortion: 1.2ns maximum at 5V, 1.2ns maximum at 3.3V
– Low Jitter: 7ps (RMS) typical supports low impact to ADC and DAC SNR for the sample clock signal
– Low Channel to Channel Skew: 1.2ns maximum at 5V, 1.2ns maximum at 3.3V
– Low Part to Part Skew: 3ns maximum at 5V, 3ns maximum at 3.3V
• Supports High Channel Density Applications:
– Low Power: 0.635mA maximum per channel at 1Mbps and 3.3V
– Small Footprint Packages: SSOP (DBQ-16) , Wide-SSOP (DFP-16)
• Robust SiO2 isolation barrier:
– High lifetime at up to 1061VRMS and 1500VDC working voltage
– Wide temperature range: –40°C to 125°C
– Up to 5000VRMS isolation rating
– Up to 10.4kV surge capability
– Up to ±175kV/μs typical CMTI
• Supply range: 1.71V to 5.5V
• Overvoltage tolerant inputs
• Default output high ( ISO604xH ) and low ( ISO604xL ) options
• Robust electromagnetic compatibility (EMC)
– System-level ESD, EFT, and surge immunity
– Low emissions
• Safety-Related Certifications (Planned):
– DIN EN IEC 60747-17 (VDE 0884-17)
– UL 1577 and CSA CAS Notice No. 5A
– IEC 62368-1, IEC 61010-1 and GB 4943.1 certifications




Similar Part No. - ISO6040HDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO6040HDWR TI2-ISO6040HDWR Datasheet
1Mb / 42P
ISO604x Low Power with High Bandwidth, Reinforced, Quad-Channel Digital Isolators
DECEMBER 2025
ISO6040HDWR TI2-ISO6040HDWR Datasheet
2Mb / 51P
ISO604x Low Power with High Bandwidth, Reinforced, Quad-Channel Digital Isolators
REVISED MARCH 2026
ISO6040HDWR TI2-ISO6040HDWR Datasheet
2Mb / 52P
ISO604x Low Power with High Bandwidth, Reinforced, Quad-Channel Digital Isolators
REVISED MARCH 2026
ISO6040HDWR TI2-ISO6040HDWR Datasheet
2Mb / 56P
ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support
REVISED AUGUST 2026
More results


Similar Description - ISO6040HDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC5801 TI-CDC5801 Datasheet
214Kb / 16P
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY AND PHASE ALIGNMENT
logo
Silicon Laboratories
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Texas Instruments
CDC5801ADBQ TI-CDC5801ADBQ Datasheet
626Kb / 18P
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
ISO7142CC TI-ISO7142CC_15 Datasheet
954Kb / 26P
VPK Small-Footprint and Low-Power Quad Channel Digital Isolator
ISO7142CC-Q1 TI1-ISO7142CC-Q1 Datasheet
998Kb / 26P
Small-Footprint and Low-Power Quad Channel Digital Isolator
logo
Maxim Integrated Produc...
USB2GPIOISO MAXIM-USB2GPIOISO Datasheet
1Mb / 8P
Low Propagation Delay 10ns, Typical
Rev 0; 4/18
logo
Skyworks Solutions Inc.
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
Low Power Six-Channel Digital Isolator
July 26, 2022
logo
Analog Devices
MAX22440 AD-MAX22440 Datasheet
1Mb / 28P
Reinforced, Ultra-Low-Power, 4-Channel Digital Isolators
Rev 3; 03/23
logo
Skyworks Solutions Inc.
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
logo
Analog Devices
MAX22440 AD-MAX22440_V01 Datasheet
1Mb / 28P
Reinforced, Ultra-Low-Power, 4-Channel Digital Isolators
19-101556; Rev 4; 8/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com