Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V29C31001B-90J Datasheet (PDF) - Mosel Vitelic, Corp

V29C31001B-90J Datasheet PDF - Mosel Vitelic, Corp
Part # V29C31001B-90J
Download  V29C31001B-90J Download
File Size   74.54 Kbytes
Page   16 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY

V29C31001B-90J Datasheet (PDF)

Go To PDF Page Download Datasheet
V29C31001B-90J Datasheet PDF - Mosel Vitelic, Corp

Part # V29C31001B-90J
Download  V29C31001B-90J Click to download

File Size   74.54 Kbytes
Page   16 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY

V29C31001B-90J Datasheet (HTML) - Mosel Vitelic, Corp


V29C31001B-90J Product details

Description
The V29C51001T/V29C51001B is a high speed 131,072 x 8 bit CMOS flash memory. Programming or erasing the device is done with a single 5 Volt power supply. The device has separate chip enable CE, program enable WE, and output enable OE controls to eliminate bus contention.

Features
■ 128Kx8-bit Organization
■ Address Access Time: 45, 70, 90 ns
■ Single 5V ± 10% Power Supply
■ Sector Erase Mode Operation
■ 8KB Boot Block (lockable)
■ 512 bytes per Sector, 256 Sectors
    – Sector-Erase Cycle Time: 10ms (Max)
    – Byte-Program Cycle Time: 20µs (Max)
■ Minimum 10,000 Erase-Program Cycles
■ Low power dissipation
    – Active Read Current: 20mA (Typ)
    – Active Program Current: 30mA (Typ)
    – Standby Current: 100µA (Max)
■ Hardware Data Protection
■ Low VCC Program Inhibit Below 2.5V
■ Self-timed program/erase operations with end-of-cycle detection
    – DATA Polling
    – Toggle Bit
■ CMOS and TTL Interface
■ Available in two versions
    – V29C51001T (Top Boot Block)
    – V29C51001B (Bottom Boot Block)
■ Packages:
    – 32-pin Plastic DIP
    – 32-pin TSOP-I
    – 32-pin PLCC




Similar Part No. - V29C31001B-90J

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29C31004B MOSEL-V29C31004B Datasheet
68Kb / 15P
4 MEGABIT 524,288 x 8 BIT 3.3 VOLT CMOS FLASH MEMORY
V29C31004T MOSEL-V29C31004T Datasheet
68Kb / 15P
4 MEGABIT 524,288 x 8 BIT 3.3 VOLT CMOS FLASH MEMORY
More results


Similar Description - V29C31001B-90J

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29C51002T MOSEL-V29C51002T Datasheet
74Kb / 16P
2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51004T MOSEL-V29C51004T Datasheet
67Kb / 15P
4 MEGABIT 524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29LC51001 MOSEL-V29LC51001 Datasheet
52Kb / 12P
1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29LC51002 MOSEL-V29LC51002 Datasheet
52Kb / 12P
2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
logo
List of Unclassifed Man...
S29C51001T ETC1-S29C51001T Datasheet
7Mb / 16P
1 MEGABIT (131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
F29C51001 ETC1-F29C51001 Datasheet
143Kb / 16P
1MEGABIT(131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
S29C51004B ETC1-S29C51004B Datasheet
3Mb / 16P
4 MEGABIT (524,288 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com