Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1221180 Datasheet (PDF) - KNIPEX

1221180 Datasheet PDF - KNIPEX
Part # 1221180
Download  1221180 Download
File Size   104.15 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Insulation Stripper With adapted blades

1221180 Datasheet (PDF)

Go To PDF Page Download Datasheet
1221180 Datasheet PDF - KNIPEX

Part # 1221180
Download  1221180 Click to download

File Size   104.15 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Insulation Stripper With adapted blades

1221180 Datasheet (HTML) - KNIPEX


1221180 Product details

General
Article No. 12 21 180
EAN 4003773000815
Pliers black lacquered
Handles with plastic grips
Weight 335 g
Dimensions 180 x 67 x 36 mm
Reach no
RohS no




Similar Part No. - 1221180

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
122118 ETC2-122118 Datasheet
1Mb / 24P
TNC COAXIAL CONNECTORS
More results


Similar Description - 1221180

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63817-0000 MOLEX-63817-0000 Datasheet
120Kb / 1P
Manual Wire Stripper
0638019271 MOLEX11-0638019271 Datasheet
34Kb / 1P
Replacement Blades for Bench Top Pneumatic Wire Stripper
0638019272 MOLEX11-0638019272 Datasheet
34Kb / 1P
Replacement Blades for Bench Top Pneumatic Wire Stripper
0638170000 MOLEX11-0638170000 Datasheet
40Kb / 1P
Manual Wire Stripper
logo
Tripp Lite. All Rights ...
T100-001 TRIPPLITE-T100-001 Datasheet
474Kb / 1P
RJ11/RJ12/RJ45 Crimping Tool with Cable Stripper
logo
TOKYO SEIMITSU CO., LTD
HM ACCRETECH-HM Datasheet
420Kb / 2P
METAL BOND BLADES
logo
Lanner All Rights Reser...
HTCA-6400 LANNER-HTCA-6400 Datasheet
698Kb / 2P
High Availability Chassis 4U Telecom Network Appliance with 4 x86 CPU Blades and 2x Switch blades for redundancy, Storage blades with 10x NVMe SSD or Network blades
logo
Molex Electronics Ltd.
ATS-638170400 MOLEX-ATS-638170400 Datasheet
301Kb / 3P
Precision Stripper Tool
10-14-09
0638019272 MOLEX-0638019272 Datasheet
34Kb / 1P
Replacement Blades for Bench Top Pneumatic Wire Stripper
10/03/2017
logo
Pepperl+Fuchs Inc.
VAZ-FK-S-STRIPPER PF-VAZ-FK-S-STRIPPER Datasheet
99Kb / 1P
Cable stripper
2007-11-07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com