Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2002140 Datasheet (PDF) - KNIPEX

2002140 Datasheet PDF - KNIPEX
Part # 2002140
Download  2002140 Download
File Size   181.71 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Flat Nose Pliers

2002140 Datasheet (PDF)

Go To PDF Page Download Datasheet
2002140 Datasheet PDF - KNIPEX

Part # 2002140
Download  2002140 Click to download

File Size   181.71 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Flat Nose Pliers

2002140 Datasheet (HTML) - KNIPEX


2002140 Product details

General
Article No. 20 02 140
EAN 4003773043386
Pliers black atramentized
Head polished
Handles with multi-component grips
Weight 137 g
Dimensions 140 x 54 x 18 mm
Standard DIN ISO 5745
Reach no
RohS no




Similar Part No. - 2002140

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2002140000 WEIDMULLER-2002140000 Datasheet
611Kb / 8P
BLF 5.08HC/04/180 SN OR BX PRT
logo
Molex Electronics Ltd.
2002140015 MOLEX-2002140015 Datasheet
35Kb / 1P
Impulse Backplane Module Insertion Tool (4-Pair by 8-Column Assemblies)
2002140018 MOLEX-2002140018 Datasheet
36Kb / 1P
Impulse Backplane Module Insertion Tool for 6-Pair by 12-Column Assemblies
2002140040 MOLEX-2002140040 Datasheet
35Kb / 1P
Insertion Tool for BiPass 1-by-1 Single-Port Cage Assembly with Heatsink
More results


Similar Description - 2002140

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LGP730B-45CN ETC-LGP730B-45CN Datasheet
104Kb / 1P
NOSE ASSEMBLY
D00634 ETC2-D00634 Datasheet
33Kb / 1P
VDE Snipe Nose Pliers
logo
PHOENIX CONTACT
MICROFOX-R PHOENIX-MICROFOX-R Datasheet
49Kb / 2P
Electronic round-nose pliers, smooth grip, with opening spring
UNIFOX-F-VDE PHOENIX-UNIFOX-F-VDE Datasheet
52Kb / 2P
Flat-nose pliers, finely notched grip area, VDE 1000 V AC/1500 V DC tested
UNIFOX-R-VDE PHOENIX-UNIFOX-R-VDE Datasheet
48Kb / 3P
Round-nose pliers, finely notched grip area, VDE 1000 V AC/1500 V DC tested
2903114 PHOENIX-2903114 Datasheet
48Kb / 1P
SmartWire DT??pliers for flat plug
1212484 PHOENIX-1212484 Datasheet
49Kb / 2P
Flat-nosed pliers - MICROFOX-F ESD
1212493 PHOENIX-1212493 Datasheet
49Kb / 2P
Flat-nosed pliers - MICROFOX-F
1212796 PHOENIX-1212796 Datasheet
44Kb / 2P
Flat-nosed pliers - MICROFOX-F_DB
1212797 PHOENIX-1212797 Datasheet
46Kb / 2P
Flat-nosed pliers - MICROFOX-F ESD_DB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com