Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5PB12XX Datasheet (PDF) - Renesas Technology Corp

5PB12XX Datasheet PDF - Renesas Technology Corp
Part # 5PB12XX
Download  5PB12XX Download
File Size   644.81 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Performance TCXO/LVCMOS Clock Buffer Family

5PB12XX Datasheet (PDF)

Go To PDF Page Download Datasheet
5PB12XX Datasheet PDF - Renesas Technology Corp

Part # 5PB12XX
Download  5PB12XX Click to download

File Size   644.81 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Performance TCXO/LVCMOS Clock Buffer Family

5PB12XX Datasheet (HTML) - Renesas Technology Corp


5PB12XX Product details

• Extremely low operating and standby current
consumption
• Low RMS additive phase jitter
• Family supports 1.8V to 3.3V power supply voltage:
• For 1.8V supply: 5PB1203, 5PB1204, 5PB1206
• For 2.5V / 3.3V supply: 5PB1213, 5PB1214, 5PB1216
• Three, four, and six outputs with individual Output Enable pin
• One input
• OE_OSC control pin to enable/disable reference TCXO/XO
• Small 10-pin, 16-pin and 20-pin packages available
• Industrial -40º to +105ºC temperature range




Similar Part No. - 5PB12XX

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5PB12XX IDT-5PB12XX Datasheet
316Kb / 15P
3-Channel High-Performance TCXO/LVCMOS Clock Buffer Family
5PB12XX IDT-5PB12XX Datasheet
379Kb / 15P
3-Channel High-Performance TCXO/LVCMOS Clock Buffer Family
logo
Renesas Technology Corp
5PB12XX RENESAS-5PB12XX Datasheet
741Kb / 16P
High-Performance TCXO/LVCMOS Clock Buffer Family
June 7, 2022
logo
Integrated Device Techn...
5PB12XX IDT-5PB12XX_18 Datasheet
379Kb / 15P
3-Channel High-Performance TCXO/LVCMOS Clock Buffer Family
More results


Similar Description - 5PB12XX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVC11XX TI-CDCLVC11XX Datasheet
223Kb / 9P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX_1 Datasheet
419Kb / 14P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI1-CDCLVC11XX_12 Datasheet
948Kb / 23P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI1-CDCLVC11XX_14 Datasheet
906Kb / 23P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
logo
Integrated Device Techn...
5PB11XX IDT-5PB11XX Datasheet
504Kb / 19P
1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
5PB12XX IDT-5PB12XX Datasheet
316Kb / 15P
3-Channel High-Performance TCXO/LVCMOS Clock Buffer Family
5PB1102PGG IDT-5PB1102PGG Datasheet
479Kb / 21P
1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
5PB11XX IDT-5PB11XX_18 Datasheet
678Kb / 21P
LVCMOS High-Performance Clock Buffer Family
5PB12XX IDT-5PB12XX_18 Datasheet
379Kb / 15P
3-Channel High-Performance TCXO/LVCMOS Clock Buffer Family
logo
Renesas Technology Corp
5PB12XX RENESAS-5PB12XX Datasheet
741Kb / 16P
High-Performance TCXO/LVCMOS Clock Buffer Family
June 7, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com