Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVC1G135BDBVRQ1 Datasheet (PDF) - Texas Instruments

CLVC1G135BDBVRQ1 Datasheet PDF - Texas Instruments
Part # CLVC1G135BDBVRQ1
Download  CLVC1G135BDBVRQ1 Download
File Size   1288.85 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G135B-Q1 Automotive 1-Channel, 2-Input 1.1V to 5.5V NAND Gate with Schmitt-Trigger Inputs and Open-Drain Outputs

CLVC1G135BDBVRQ1 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLVC1G135BDBVRQ1 Datasheet PDF - Texas Instruments

Part # CLVC1G135BDBVRQ1
Download  CLVC1G135BDBVRQ1 Click to download

File Size   1288.85 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G135B-Q1 Automotive 1-Channel, 2-Input 1.1V to 5.5V NAND Gate with Schmitt-Trigger Inputs and Open-Drain Outputs

CLVC1G135BDBVRQ1 Datasheet (HTML) - Texas Instruments


CLVC1G135BDBVRQ1 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1: -40°C to +125°C
– Device HBM ESD classification level 2
– Device CDM ESD classification level C4B
• Operating range from 1.1V to 5.5V
• Over-voltage tolerant inputs support up to 5.5V independent of VCC
• Open-drain outputs support 5.5V independent of VCC
• Supports partial-power-down with back drive protection (Ioff)
• High open-drain output drive strength:
– 32mA at 5V
– 24mA at 3.3V
– 8mA at 2.5V
– 4mA at 1.8V
• Maximum propagation delay of 4.8ns
• Latch-up performance exceeds 100mA per JESD78 and AEC-Q100-004




Similar Part No. - CLVC1G135BDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLVC1G132BDCKRQ1 TI2-CLVC1G132BDCKRQ1 Datasheet
964Kb / 22P
SN74LVC1G132B-Q1 Automotive Single 2-Input Positive NAND Gate With Schmitt-Trigger Inputs
MAY 2026
CLVC1G132BDCKRQ1 TI2-CLVC1G132BDCKRQ1 Datasheet
1Mb / 25P
SN74LVC1G132B-Q1 Automotive Single 2-Input Positive NAND Gate With Schmitt-Trigger Inputs
MAY 2026
CLVC1G132BDTXRQ1 TI2-CLVC1G132BDTXRQ1 Datasheet
1Mb / 25P
SN74LVC1G132B-Q1 Automotive Single 2-Input Positive NAND Gate With Schmitt-Trigger Inputs
MAY 2026
More results


Similar Description - CLVC1G135BDBVRQ1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G135 ONSEMI-MC74VHC1G135 Datasheet
199Kb / 8P
2-Input NAND Schmitt-Trigger with Open Drain Output
February, 2000 ??Rev. 1
logo
Texas Instruments
SN74HCS30-Q1 TI1-SN74HCS30-Q1 Datasheet
290Kb / 16P
SN74HCS30-Q1 Automotive Single 8-Input NAND Gate with Schmitt-Trigger Inputs
SN74HCS20-Q1 TI1-SN74HCS20-Q1 Datasheet
300Kb / 17P
SN74HCS20-Q1 Automotive Dual 4-Input NAND Gate with Schmitt-Trigger Inputs
SN74HCS03-Q1 TI1-SN74HCS03-Q1 Datasheet
284Kb / 16P
SN74HCS03-Q1 Automotive Quadruple 2-Input NAND Gates with Open-Drain Outputs and Schmitt-Trigger Inputs
SN74HCS09-Q1 TI1-SN74HCS09-Q1 Datasheet
283Kb / 16P
SN74HCS09-Q1 Automotive Quadruple 2-Input AND Gates with Open-Drain Outputs and Schmitt-Trigger Inputs
SN74HCS03 TI1-SN74HCS03 Datasheet
283Kb / 15P
SN74HCS03 Quadruple 2-Input NAND Gates with Open-Drain Outputs and Schmitt-Trigger Inputs
SN74HCS09 TI1-SN74HCS09 Datasheet
283Kb / 16P
SN74HCS09 Quadruple 2-Input AND Gates with Open-Drain Outputs and Schmitt-Trigger Inputs
SN74HCS266-Q1 TI1-SN74HCS266-Q1 Datasheet
339Kb / 15P
SN74HCS266-Q1 Automotive Quadruple 2-Input XNOR gates with Open-Drain Outputs and Schmitt-Trigger Inputs
SN74HCS05-Q1 TI1-SN74HCS05-Q1 Datasheet
276Kb / 15P
SN74HCS05-Q1 Automotive Hex Inverter with Open-Drain Outputs and Schmitt-Trigger Inputs
logo
ON Semiconductor
MC74VHC1G135 ONSEMI-MC74VHC1G135_V01 Datasheet
170Kb / 14P
2-Input NAND Schmitt-Trigger with Open Drain Output
April, 2022 ??Rev. 19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com