Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF53125AQDRQ1 Datasheet (PDF) - Texas Instruments

REF53125AQDRQ1 Datasheet PDF - Texas Instruments
Part # REF53125AQDRQ1
Download  REF53125AQDRQ1 Download
File Size   1199.29 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description REF53-Q1, 4ppm/°C Maximum Drift, 3ppmp-p 1/f Noise, 85μA Current, 30mA Load Current, Precision Voltage Reference

REF53125AQDRQ1 Datasheet (PDF)

Go To PDF Page Download Datasheet
REF53125AQDRQ1 Datasheet PDF - Texas Instruments

Part # REF53125AQDRQ1
Download  REF53125AQDRQ1 Click to download

File Size   1199.29 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description REF53-Q1, 4ppm/°C Maximum Drift, 3ppmp-p 1/f Noise, 85μA Current, 30mA Load Current, Precision Voltage Reference

REF53125AQDRQ1 Datasheet (HTML) - Texas Instruments


REF53125AQDRQ1 Product details

1 Features
• Low temperature drift coefficient: 4ppm/°C maximum
• Low quiescent current: 85μA typical
• Low noise
– 0.1Hz to 10Hz: 3ppmp-p
– 10Hz to 1kHz: 3ppmrms
• High accuracy: ±0.04% maximum
• Small Size: SOT-23-THN-6 (DDC) package
• Designed for a wide range of applications:
– Wide input voltage up to 18V
– Output current: +30mA/-10mA
– Voltage options: 1.2V, 1.25V, 1.8V, 2.048V, 2.5V, 3V, 3.3V, 4.096V, 4.5V, 5V
• Fit for all design requirement:
– Stable with 1μF to 50μF output low-ESR capacitor
– High PSRR: 85dB at 1kHz
– Specified temperature range: −40°C to +125°C
– Operational temperature range: −55°C to +125°C




Similar Part No. - REF53125AQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF50 TI-REF50 Datasheet
2Mb / 31P
REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF50 TI-REF50 Datasheet
2Mb / 31P
REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REVISED JUNE 2021
REF50 TI1-REF50 Datasheet
4Mb / 49P
REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference
MARCH 2025
REF50 TI2-REF50 Datasheet
4Mb / 52P
REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference
REVISED OCTOBER 2025
REF50 TI2-REF50 Datasheet
1Mb / 31P
REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REVISED JUNE 2021
More results


Similar Description - REF53125AQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF5050A-Q1 TI-REF5050A-Q1_15 Datasheet
1Mb / 25P
REF50xxA-Q1 Low-Noise, Very Low Drift, Precision Voltage Reference
REF70 TI-REF70_V02 Datasheet
1Mb / 38P
REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED SEPTEMBER 2021
REF70 TI-REF70_V03 Datasheet
2Mb / 40P
REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
DECEMBER 2021
REF70 TI-REF70_V04 Datasheet
2Mb / 40P
REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
DECEMBER 2021
REF70 TI-REF70_V05 Datasheet
1Mb / 40P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED JULY 2022
REF70 TI-REF70_V06 Datasheet
1Mb / 41P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED JULY 2022
REF70 TI-REF70_V07 Datasheet
1Mb / 43P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED MARCH 2023
logo
SG Micro Corp
SGM4029 SGMICRO-SGM4029 Datasheet
3Mb / 17P
Low Noise, Low Drift,Precision Voltage Reference
SEPTEMBER2022-REV.A
logo
Texas Instruments
REF70 TI-REF70_V08 Datasheet
2Mb / 43P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED SEPTEMBER 2023
REF54 TI1-REF54 Datasheet
2Mb / 31P
REF54 0.8 ppm/°C Maximum Drift, 0.11 ppmp-p 1/f Noise, 380 μA Current, Precision Voltage Reference
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com