Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP16558_LISA3-RS-PIN Datasheet (PDF) - Intelligent LED Solutions

FP16558_LISA3-RS-PIN Datasheet PDF - Intelligent LED Solutions
Part # FP16558_LISA3-RS-PIN
Download  FP16558_LISA3-RS-PIN Download
File Size   1290.32 Kbytes
Page   11 Pages
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions
Description Stanley 1 IR PowerStar Double Stack

FP16558_LISA3-RS-PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
FP16558_LISA3-RS-PIN Datasheet PDF - Intelligent LED Solutions

Part # FP16558_LISA3-RS-PIN
Download  FP16558_LISA3-RS-PIN Click to download

File Size   1290.32 Kbytes
Page   11 Pages
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions
Description Stanley 1 IR PowerStar Double Stack

FP16558_LISA3-RS-PIN Datasheet (HTML) - Intelligent LED Solutions


FP16558_LISA3-RS-PIN Product details

APPLICATIONS
Driver monitoring
Time of flight sensorrs
Remote cameras
Surveillance cameras
ANPR
Machine vision
TECHNICAL FEATURES
LED Family
Stanley 7M LEDs with primary 60 degree beam
Stanley 8M LEDs with primary 120 degree beam
Lifetime Up to 100,000 hours lifetime to 70% of original brightness
Mounting Mounting holes using M3 screws allow easy installation
Dimensions (L x W x H)
7M (L x W x H) 20x 20 x 4.4 mm
8M (L x W x H) 20 x 20 x 3.7 mm
Wiring Available with 200mm connecting wires
Secondary Optics A secondary optic can be fitted. Suitable options on page 7 or visit our website for a full range
Heatsinks Required over 350mA. Suitable options on page 7 or visit our our website for a full range
Power Supply 4 - 75W dimming and non dimming. Suitable options on page 7 or visit our website for a full range
Chain Powerstars can be linked together to produce longer chains
Current Range 10 to 1000mA
Thermal Resistance 5K/W




Similar Part No. - FP16558_LISA3-RS-PIN

ManufacturerPart #DatasheetDescription
logo
Intelligent LED Solutio...
FP16558_LISA3-RS-PIN ILS-FP16558_LISA3-RS-PIN Datasheet
1Mb / 11P
Stanley 1 IR PowerStar Far Red
Version V1
More results


Similar Description - FP16558_LISA3-RS-PIN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GMD1620BLY ETC1-GMD1620BLY Datasheet
1Mb / 19P
STANLEY DOT MATRIX CHARACTER TYPE LCD MODULE
logo
Solid States Devices, I...
SPX2091 SSDI-SPX2091 Datasheet
45Kb / 2P
1 AMP 9,300 VOLTS HIGH VOLTAGE RECTIFIER BRIDGE STACK
logo
Eorex Corporation
EM47FM3288SBB EOREX-EM47FM3288SBB Datasheet
1Mb / 41P
16Gb (64M횞8Bank횞32) Double DATA RATE 3 Stack SDRAM
logo
List of Unclassifed Man...
RMC05060 ETC2-RMC05060 Datasheet
398Kb / 3P
1 pole 30/32 A, 1 form X, double make, NO or 1 form Z, double make double break, NO NC
logo
Eorex Corporation
EM47EM3288MBA EOREX-EM47EM3288MBA_15 Datasheet
1Mb / 39P
Double DATA RATE 3 Stack SDRAM
EM47EM3288SBA EOREX-EM47EM3288SBA_15 Datasheet
1Mb / 39P
Double DATA RATE 3 Stack SDRAM
EM47FM3288SBB EOREX-EM47FM3288SBB_15 Datasheet
1Mb / 41P
Double DATA RATE 3 Stack SDRAM
EM47FM3288SBA EOREX-EM47FM3288SBA Datasheet
1Mb / 40P
16Gb (64M횞8Bank횞32) Double DATA RATE 3 Stack SDRAM
logo
STMicroelectronics
STEVAL-CBP004V1 STMICROELECTRONICS-STEVAL-CBP004V1 Datasheet
158Kb / 4P
1 IR sensor for remote control operation
02-Sep-2008
logo
Molex Electronics Ltd.
SD-48406-001 MOLEX-SD-48406-001 Datasheet
143Kb / 1P
USB3.0 A TYPE,T/H DOUBLE STACK,R/A CONTACT HEIGHT:4.13
REVISION B1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com