Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP16560_LISA3-W-PIN Datasheet (PDF) - Intelligent LED Solutions

FP16560_LISA3-W-PIN Datasheet PDF - Intelligent LED Solutions
Part # FP16560_LISA3-W-PIN
Download  FP16560_LISA3-W-PIN Download
File Size   1288.29 Kbytes
Page   11 Pages
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions
Description Stanley 1 IR PowerStar Far Red

FP16560_LISA3-W-PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
FP16560_LISA3-W-PIN Datasheet PDF - Intelligent LED Solutions

Part # FP16560_LISA3-W-PIN
Download  FP16560_LISA3-W-PIN Click to download

File Size   1288.29 Kbytes
Page   11 Pages
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions
Description Stanley 1 IR PowerStar Far Red

FP16560_LISA3-W-PIN Datasheet (HTML) - Intelligent LED Solutions


FP16560_LISA3-W-PIN Product details

APPLICATIONS
Driver monitoring
Time of flight sensorrs
Remote cameras
Surveillance cameras
ANPR
Machine Vision
TECHNICAL FEATURES
LED Family
Stanley 7M LEDs with primary 60 deg beam
Stanley 8M LEDs with primary 120 deg beam
Lifetime Up to 100,000 hours lifetime to 70% of original brightness
Mounting Mounting holes using M3 screws allow easy installation
Dimensions (L x W x H)
7M (L x W x H) 20x 20 x 4.4 mm
8M (L x W x H) 20 x 20 x 3.7 mm
Wiring Available with 200mm connecting wires
Secondary Optics A secondary optic can be fitted. Suitable options on page 7 or visit our website for a full range
Heatsinks Required over 350mA. Suitable options on page 7 or visit our our website for a full range
Power Supply 4 - 75W dimming and non dimming. Suitable options on page 7 or visit our website for a full range
Chain Powerstars can be linked together to produce longer chains
Current Range 10 to 1000mA
Thermal Resistance 5K/W




Similar Part No. - FP16560_LISA3-W-PIN

ManufacturerPart #DatasheetDescription
logo
Intelligent LED Solutio...
FP16560_LISA3-W-PIN ILS-FP16560_LISA3-W-PIN Datasheet
1Mb / 11P
Stanley 1 IR PowerStar Double Stack
Version V1
More results


Similar Description - FP16560_LISA3-W-PIN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GMD1620BLY ETC1-GMD1620BLY Datasheet
1Mb / 19P
STANLEY DOT MATRIX CHARACTER TYPE LCD MODULE
logo
fujitsu semiconductor
FAR-F6KB-2G1400-B4GC FUJITSU-FAR-F6KB-2G1400-B4GC Datasheet
203Kb / 7P
FAR-F6KB-2G1400-B4GC
logo
OptoSupply Internationa...
OSR5XME1C1E OPTOSUPPLY-OSR5XME1C1E_11 Datasheet
150Kb / 2P
Xeon 1 Power Red LED
OSR5XNE1E1E OPTOSUPPLY-OSR5XNE1E1E Datasheet
138Kb / 2P
Xeon 1 Power Red LED
logo
Texas Instruments
LMV1090 TI1-LMV1090 Datasheet
857Kb / 25P
LMV1090 Dual Input, Far Field Noise Suppression Microphone Amplifier
logo
LUMEX INC.
SSL-LX5099IEW LUMEX-SSL-LX5099IEW Datasheet
74Kb / 1P
T-5mm BI-POLOR IR/RED COMMON CATHODE
SSI-LX5099IGWCA-50 LUMEX-SSI-LX5099IGWCA-50 Datasheet
62Kb / 1P
T-1 BICOLOR 635mm RED
logo
Luminus, Inc
CBM-120-FR LUMINUS-CBM-120-FR Datasheet
1Mb / 12P
Mosaic Array Series Far Red Chip On Board LEDs
SST-10-FR LUMINUS-SST-10-FR Datasheet
2Mb / 12P
Far Red LED
logo
New Japan Radio
NJL5513R NJRC-NJL5513R Datasheet
767Kb / 19P
Biomonitoring Sensor with Red & IR & Two Green LEDs
Ver.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com