Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9761145A Datasheet (PDF) - KNIPEX

9761145A Datasheet PDF - KNIPEX
Part # 9761145A
Download  9761145A Download
File Size   128.39 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Crimping Pliers for wire ferrules

9761145A Datasheet (PDF)

Go To PDF Page Download Datasheet
9761145A Datasheet PDF - KNIPEX

Part # 9761145A
Download  9761145A Click to download

File Size   128.39 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Crimping Pliers for wire ferrules

9761145A Datasheet (HTML) - KNIPEX


9761145A Product details

General
Article No. 97 61 145 A
EAN 4003773035558
Head polished
Handles plastic coated
Weight 140 g
Dimensions 145 x 52 x 13 mm
Reach no
RohS no




Similar Part No. - 9761145A

ManufacturerPart #DatasheetDescription
logo
KNIPEX
9761145F KNIPEX-9761145F Datasheet
131Kb / 1P
Crimping Pliers for wire ferrules
05.07.2021
More results


Similar Description - 9761145A

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CRIMPFOX-16-S PHOENIX-CRIMPFOX-16-S Datasheet
46Kb / 2P
Crimping pliers for ferrules up to 16 mm짼
SF-Z0008 PHOENIX-SF-Z0008 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0009 PHOENIX-SF-Z0009 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0029 PHOENIX-SF-Z0029 Datasheet
46Kb / 2P
Crimping pliers
RC-Z2504 PHOENIX-RC-Z2504 Datasheet
45Kb / 2P
Crimping pliers
logo
Weidmuller
9006450000 WEIDMULLER-9006450000 Datasheet
678Kb / 8P
Pressing tool, Crimping tool for wire-end ferrules
November 9, 2021
9011460000 WEIDMULLER-9011460000 Datasheet
663Kb / 43P
Pressing tool, Crimping tool for wire-end ferrules 0.25mm짼
November 10, 2021
9012600000 WEIDMULLER-9012600000 Datasheet
668Kb / 15P
Pressing tool, Crimping tool for wire-end ferrules
November 9, 2021
9014350000 WEIDMULLER-9014350000 Datasheet
789Kb / 46P
Pressing tool, Crimping tool for wire-end ferrules
November 9, 2021
9020000000 WEIDMULLER-9020000000 Datasheet
1Mb / 6P
Cutting, stripping and crimping tool, Crimping tool for wire-end ferrules
November 9, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com