Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16505-1BMLZ Datasheet (PDF) - Analog Devices

ADIS16505-1BMLZ Datasheet PDF - Analog Devices
Part # ADIS16505-1BMLZ
Download  ADIS16505-1BMLZ Download
File Size   792.36 Kbytes
Page   41 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Miniature MEMS IMU

ADIS16505-1BMLZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADIS16505-1BMLZ Datasheet PDF - Analog Devices

Part # ADIS16505-1BMLZ
Download  ADIS16505-1BMLZ Click to download

File Size   792.36 Kbytes
Page   41 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Miniature MEMS IMU

ADIS16505-1BMLZ Datasheet (HTML) - Analog Devices


ADIS16505-1BMLZ Product details

FEATURES
Triaxial, digital gyroscope ±125°/sec, ±500°/sec, ±2000°/sec dynamic range models 2.3°/hr in-run bias stability (ADIS16505-1) 0.13°/√hr angular random walk, x-axis and y-axis, 1 σ
(ADIS16505-1) ±0.25° axis to axis misalignment error
Triaxial, digital accelerometer, ±78.4 m/sec² dynamic range
26.5 μm/sec² in-run bias stability (x-axis and y-axis) Triaxial, delta angle and delta velocity outputs
Factory calibrated sensitivity, bias, and axial alignment
Calibration temperature range: −40°C to +85°C SPI compatible data communications
Programmable operation and control Automatic and manual bias correction controls
Data ready indicator for synchronous data acquisition External sync modes: direct, scaled, and output
On demand self-test of inertial sensors
On demand self-test of flash memory
Single-supply operation (VDD): 3.0 V to 3.6 V
14,700 m/sec2 mechanical shock survivability
Operating temperature range: −40°C to +105°C

APPLICATIONS
Navigation, stabilization, and instrumentation
Unmanned and autonomous vehicles
Smart agriculture and construction machinery
Factory/industrial automation, robotics Virtual/augmented reality
Internet of Moving Things




Similar Part No. - ADIS16505-1BMLZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16505-1BMLZ AD-ADIS16505-1BMLZ Datasheet
801Kb / 41P
Precision, Miniature MEMS IMU
7/2020-Rev. A to Rev. B
More results


Similar Description - ADIS16505-1BMLZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS7331 CIRRUS-CS7331 Datasheet
168Kb / 10P
Miniature Bottom Port Analog MEMS Microphone
CS7331P CIRRUS-CS7331P Datasheet
174Kb / 11P
Miniature Bottom Port Analog MEMS Microphone
logo
Analog Devices
ADIS16500 AD-ADIS16500 Datasheet
778Kb / 40P
Precision, Miniature MEMS IMU
6/2020-Rev. 0 to Rev. A
ADIS16505 AD-ADIS16505 Datasheet
801Kb / 41P
Precision, Miniature MEMS IMU
7/2020-Rev. A to Rev. B
ADIS16507 AD-ADIS16507 Datasheet
941Kb / 42P
Precision, Miniature MEMS IMU
7/2020-Rev. 0 to Rev. A
ADIS16465 AD-ADIS16465 Datasheet
749Kb / 33P
Precision MEMS IMU Module
4/2020-Rev. B to Rev. C
ADIS16467 AD-ADIS16467 Datasheet
758Kb / 34P
Precision MEMS IMU Module
2/2020-Rev. B to Rev. C
ADIS16470 AD-ADIS16470 Datasheet
1Mb / 36P
Wide Dynamic Range, Miniature MEMs IMU
4/2019-Rev. B to Rev. C
ADIS16475 AD-ADIS16475 Datasheet
1Mb / 37P
Precision, Miniature MEMs IMU
4/2020-Rev. C to Rev. D
ADIS16477 AD-ADIS16477 Datasheet
970Kb / 37P
Precision, Miniature MEMs IMU
4/2020-Rev. C to Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com