Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

985-GP-6 Datasheet (PDF) - Marathon Special Products

985-GP-6 Datasheet PDF - Marathon Special Products
Part # 985-GP-6
Download  985-GP-6 Download
File Size   64.29 Kbytes
Page   3 Pages
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products
Description 985 Series Deadfront Type 85 Amps, 600 Volts AC/DC

985-GP-6 Datasheet (PDF)

Go To PDF Page Download Datasheet
985-GP-6 Datasheet PDF - Marathon Special Products

Part # 985-GP-6
Download  985-GP-6 Click to download

File Size   64.29 Kbytes
Page   3 Pages
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products
Description 985 Series Deadfront Type 85 Amps, 600 Volts AC/DC

985-GP-6 Datasheet (HTML) - Marathon Special Products


985-GP-6 Product details

Electrical Ratings:
• 85A (Based on NEC Table 310-16, 75°C columns)
• 600 Volts AC/DC (UL 1059 Class C, Use Group - General Industrial)
• Short Circuit Current Rated for 10,000 Amps.
• Factory and Field Wiring
Mechanical Ratings:
• Insulator base temperature rating: -40°C/F to 150°C (302°F) UL RTI
• Flammability rating of insulator base: UL 94 V-0
• Use outside these ratings needs to be judged in the end-use application.




Similar Part No. - 985-GP-6

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
9850 SENSATA-9850 Datasheet
459Kb / 4P
ROTARY POSITION SENSOR
Rev.04/12/18
logo
3M Electronics
9850-NLM0 3M-9850-NLM0 Datasheet
173Kb / 4P
3M™ Shielded Controlled Impedance (SCI)
2006
9850-NLMR 3M-9850-NLMR Datasheet
173Kb / 4P
3M™ Shielded Controlled Impedance (SCI)
2006
9850-NSM0 3M-9850-NSM0 Datasheet
173Kb / 4P
3M™ Shielded Controlled Impedance (SCI)
2006
9850-NSMR 3M-9850-NSMR Datasheet
173Kb / 4P
3M™ Shielded Controlled Impedance (SCI)
2006
More results


Similar Description - 985-GP-6

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
0987 MARATHON-0987 Datasheet
145Kb / 3P
Deadfront Type 50 Amps, 600 Volts AC/DC
REV A 4/02/08
132X474 MARATHON-132X474 Datasheet
82Kb / 3P
175 Amps 600 Volts AC/DC
REV-B 11/13/13
141X201 MARATHON-141X201 Datasheet
388Kb / 3P
115 Amps 600 Volts AC/DC
REV-C 12/16/16
132X970 MARATHON-132X970 Datasheet
89Kb / 4P
175 Amps 600 Volts AC/DC
REV-C 11/13/13
133X587 MARATHON-133X587 Datasheet
98Kb / 4P
380 Amps 600 Volts AC/DC
REV-D 10/16/13
145X592 MARATHON-145X592 Datasheet
128Kb / 4P
760 Amps 600 Volts AC/DC
REV-G 1/12/18
EPBAD48 MARATHON-EPBAD48 Datasheet
226Kb / 4P
200 Amps 600 Volts AC/DC
REV-A 11/14/16
EPBAP45 MARATHON-EPBAP45 Datasheet
173Kb / 4P
200 Amps 600 Volts AC/DC
REV-G 12/19/17
0987RZTCXX MARATHON-0987RZTCXX Datasheet
146Kb / 3P
0987 Series Deadfront Type 50 Amps, 600 Volts AC/DC
REV A 4/02/08
MPV6153DD MARATHON-MPV6153DD Datasheet
141Kb / 3P
600 Amps 600/1500 Volts AC/DC
REV-A 08/02/16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com