Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC1027A Datasheet (PDF) - Analog Devices

DC1027A Datasheet PDF - Analog Devices
Part # DC1027A
Download  DC1027A Download
File Size   1017.61 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 1027A LOW POWER ACTIVE MIXER

DC1027A Datasheet (PDF)

Go To PDF Page Download Datasheet
DC1027A Datasheet PDF - Analog Devices

Part # DC1027A
Download  DC1027A Click to download

File Size   1017.61 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 1027A LOW POWER ACTIVE MIXER

DC1027A Datasheet (HTML) - Analog Devices


DC1027A Product details

DESCRIPTION
Demonstration circuit 1027A is optimized for downconverting
mixer tests & measurements for input
frequency range of 79MHz to 300MHz and an output
frequency range of 3MHz to 67MHz, (for 12dB return
loss). The LO port frequency range is 176MHz to
316MHz (10dB return loss). Demo circuit 1027A can
also be optimized for HF, VHF up-converting
applications.
The LT®5560 is a 0.01MHz to 4000MHz low power,
high performance broadband Up/Down-converting
active mixer. This double-balanced mixer can be
driven by a single-ended LO source and requires –
2dBm of LO power. The signal ports can be
impedance matched to a broad range of frequencies,
which allow the LT®5560 to be used as an up- or
down-conversion mixer in a wide variety of
applications.
The LT®5560 is characterized with a supply current of
10mA; however, the DC current is adjustable, which
allows the performance to be optimized for each
application by changing the value of resistor R1. For
Icc=10mA the value of R1=3 Ohm. Operation at a
lower supply current will, however, degrade linearity.
Design files for this circuit board are available. Call
the LTC factory.




Similar Part No. - DC1027A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
DC1023A LINER-DC1023A Datasheet
294Kb / 1P
36V BUCK REGULATOR WITH PROGRAMMABLE FREQUENCY
DC1023A LINER-DC1023A_15 Datasheet
294Kb / 1P
36V BUCK REGULATOR WITH PROGRAMMABLE FREQUENCY
More results


Similar Description - DC1027A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UM10206 PHILIPS-UM10206 Datasheet
268Kb / 12P
I2C Demonstration Board 2005-1 Quick Start Guide
Rev. 01-13 June 2006
logo
Linear Technology
DC1466A-B LINER-DC1466A-B Datasheet
262Kb / 4P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT DC1466
logo
STMicroelectronics
UM0682 STMICROELECTRONICS-UM0682 Datasheet
399Kb / 10P
Quick start guide for the STEVAL-TLL005V1 power flash demonstration board
02-Mar-2009
UM0553 STMICROELECTRONICS-UM0553 Datasheet
231Kb / 5P
Quick start guide for the STR9 dongle demonstration board
24-Jun-2008
logo
Silicon Laboratories
CP2104-EK SILABS-CP2104-EK Datasheet
218Kb / 8P
Quick Start Guide
CP2105-EK SILABS-CP2105-EK Datasheet
261Kb / 10P
Quick Start Guide
CP2110-EK SILABS-CP2110-EK Datasheet
287Kb / 10P
Quick Start Guide
logo
Linear Integrated Syste...
LT3028 LINEAR-LT3028_09 Datasheet
330Kb / 3P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 832
LT3080EDD LINEAR-LT3080EDD Datasheet
298Kb / 5P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 995A
LTC3025-1 LINEAR-LTC3025-1_09 Datasheet
537Kb / 5P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 1283
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com