Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC5587 Datasheet (PDF) - Analog Devices

LTC5587 Datasheet PDF - Analog Devices
Part # LTC5587
Download  LTC5587 Download
File Size   359.37 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6GHz RMS Power Detector with 12-bit Digital Output

LTC5587 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC5587 Datasheet PDF - Analog Devices

Part # LTC5587
Download  LTC5587 Click to download

File Size   359.37 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6GHz RMS Power Detector with 12-bit Digital Output

LTC5587 Datasheet (HTML) - Analog Devices


LTC5587 Product details

DESCRIPTION
Demonstration circuit 1638A is a Mean-Squared Power
Detector with integrated 12-bit ADC featuring the
LTC®5587 IC.
The LTC5587 is a wide dynamic range Mean Squared
RF Power Detector, operational from 10MHz to 6GHz,
with sample rate up to 500ksps. The input dynamic
range at 2.14GHz, with ±1dB nonlinearity, is 40dB
(from –34dBm to +6dBm, single-ended 50 input).
The detector output, VOUT is also the input to the
internal ADC, the digital output slope is typically
70LSB/dB, and the typical output variation over
temperature is ±1dB at 2.14GHz.
LTC5587 has the internal 12-bit SPI compatible ADC.
DC1638A demonstrates the performance in
conjunction with DC590B Quick-Eval board. The
DC590B board samples the ADC at approximately
200Hz. Faster sampling rate is possible, contact LTC
applications for more information.
The 1638A Demo Circuit input is optimized for wide
frequency range of 1.75GHz to 2.2GHz. However,
input match can be shifted down to 10MHz or up to
6GHz with simple external matching.




Similar Part No. - LTC5587

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5587 LINER-LTC5587 Datasheet
228Kb / 14P
UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LTC5587 LINER-LTC5587_15 Datasheet
322Kb / 20P
6 GHz RMS Power Detector with Digital Output
More results


Similar Description - LTC5587

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5581 LINER-LT5581 Datasheet
495Kb / 16P
6GHz RMS Power Detector with 40dB Dynamic Range
logo
Maxim Integrated Produc...
MAX2203 MAXIM-MAX2203 Datasheet
911Kb / 7P
RMS Power Detector
Rev 0; 10/09
logo
Texas Instruments
TRF1600 TI-TRF1600 Datasheet
349Kb / 15P
TRUE RMS RF POWER DETECTOR
logo
Linear Technology
LT5581 LINER-LT5581_15 Datasheet
513Kb / 18P
6GHz RMS Power Detector with 40dB Dynamic Range
LTC5587 LINER-LTC5587_15 Datasheet
322Kb / 20P
6 GHz RMS Power Detector with Digital Output
LTC5583 LINER-LTC5583_15 Datasheet
1Mb / 28P
Matched Dual-Channel 6GHz RMS Power Detector
logo
Hamamatsu Corporation
S11012-01 HAMAMATSU-S11012-01_15 Datasheet
321Kb / 7P
12-bit digital output
logo
Analog Devices
HMC1030LP5E AD-HMC1030LP5E Datasheet
4Mb / 38P
DUAL RMS POWER DETECTOR
HMC1010LP4E AD-HMC1010LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR DC
logo
Maxim Integrated Produc...
MAX2202 MAXIM-MAX2202 Datasheet
980Kb / 8P
RMS Power Detector
Rev 1; 2/11
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com