Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1554 Datasheet (PDF) - Hammond Manufacturing Ltd.

1554 Datasheet PDF - Hammond Manufacturing Ltd.
Part # 1554
Download  1554 Download
File Size   152.71 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Watertight Flat Lid - (1554 Series)

1554 Datasheet (PDF)

Go To PDF Page Download Datasheet
1554 Datasheet PDF - Hammond Manufacturing Ltd.

Part # 1554
Download  1554 Click to download

File Size   152.71 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Watertight Flat Lid - (1554 Series)

1554 Datasheet (HTML) - Hammond Manufacturing Ltd.


1554 Product details

KEY FEATURES
• Electronic instrument enclosures, designed for mounting printed circuit boards or DIN rail mounted components.
• Molded in general purpose ABS plastic or polycarbonate material.
• The general purpose ABS plastic carries a UL flammability rating of UL94HB. Not recommended for outdoor use.
• The polycarbonate material carries a UL flammability rating of UL94 5V and is suitable for outdoor use.
• Color is light gray (RAL 7035)
• Gasketed lid with two piece “tongue & groove” construction provides protection against access of oil, dust and water.
• Designed to meet IP66 & NEMA 4, 4X, 12 & 13 ratings
• Gasket is factory poured using high temperature U.L. listed - silicone rubber gasket material.
• Lid is secured with self captivating M4 stainless steel machine screws (included), threaded into integral stainless steel
bushings (for repetitive assembly & disassembly).
• All stainless steel hardware to avoid corrosion caused by dissimilar metals.
• Lid and mounting holes are located outside of the gasket seal.
• Heavy duty 16 gauge galvanized steel panels available (see chart)
• Internal features are maximized for mounting options:
- Internal DIN rail mounting tabs molded in all except the 1554CGY & 1554C2GY
- Threaded (M3) integral brass inserts & standoffs designed for M3.5 or #6 self tapping screws for P.C. board
inner panel mounting in all but the smallest size (1554BGY & 1554B2GY)
- Vertical P.C. card guides (for 1.5 mm thick P.C. boards) are molded in all but the smallest size (1554BGY &
1554B2GY)

KEY FEATURES
• Electronic instrument enclosures, designed for mounting printed circuit boards or DIN rail mounted components.
• Molded in general purpose ABS plastic or polycarbonate material.
• The general purpose ABS plastic carries a UL flammability rating of UL94HB. Not recommended for outdoor use.
• The polycarbonate material carries a UL flammability rating of UL94 5V and is suitable for outdoor use.
• Color is light gray (RAL 7035)
• Gasketed lid with two piece “tongue & groove” construction provides protection against access of oil, dust and water.
• Designed to meet IP66 & NEMA 4, 4X, 12 & 13 ratings
• Gasket is factory poured using high temperature U.L. listed - silicone rubber gasket material.
• Lid is secured with self captivating M4 stainless steel machine screws (included), threaded into integral stainless steel
bushings (for repetitive assembly & disassembly).
• All stainless steel hardware to avoid corrosion caused by dissimilar metals.
• Lid and mounting holes are located outside of the gasket seal.
• Heavy duty 16 gauge galvanized steel panels available (see chart)
• Internal features are maximized for mounting options:
- Internal DIN rail mounting tabs molded in all except the 1554CGY & 1554C2GY
- Threaded (M3) integral brass inserts & standoffs designed for M3.5 or #6 self tapping screws for P.C. board
inner panel mounting in all but the smallest size (1554BGY & 1554B2GY)
- Vertical P.C. card guides (for 1.5 mm thick P.C. boards) are molded in all but the smallest size (1554BGY &
1554B2GY)




Similar Part No. - 1554

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1554 ETC2-1554 Datasheet
253Kb / 1P
All-in-one Phone and Data Tool
logo
Heyco.
1554 HEYCO-1554 Datasheet
168Kb / 1P
Screw to Tab Terminal Blocks
logo
Adafruit Industries
1554 ADAFRUIT-1554 Datasheet
196Kb / 1P
Adafruit PCB Ruler v2 - 6"
logo
Hammond Manufacturing L...
1554 HAMMOND-1554 Datasheet
185Kb / 4P
Pole Mount Kit
6/27/2018
1554 HAMMOND-1554 Datasheet
303Kb / 2P
Type 4X, 6P Polycarbonate & General Purpose ABS Enclosures 1554 Series Watertight, Flat Lid, UL Listed Options
12/15/2018
More results


Similar Description - 1554

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
Watertight Miniature Basic Switch
logo
Omron Electronics LLC
Y92A-96N OMRON-Y92A-96N Datasheet
62Kb / 2P
Watertight Panel Covers
D2FW-G OMRON-D2FW-G Datasheet
228Kb / 6P
Watertight Snap Action Switch
logo
Dialight Corporation
657-1502-103F DIALIGHT-657-1502-103F Datasheet
118Kb / 2P
Domed & Flat LED Watertight 11/16' Mounting Hole Panel Mount Indicators
logo
Honeywell Solid State E...
V15W11-EZ200-W3 HONEYWELL-V15W11-EZ200-W3 Datasheet
277Kb / 6P
MICRO SWITCH??V15W Series Watertight Miniature Switches
logo
Littelfuse
LEC LITTELFUSE-LEC Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
logo
Hammond Manufacturing L...
1590WE HAMMOND-1590WE Datasheet
208Kb / 3P
WATERTIGHT WITH FLANGED LID
logo
Assmann Electronics Inc...
A-RJ45DFR ASSMANN-A-RJ45DFR Datasheet
152Kb / 1P
ASS 1554 CO
logo
Visual Communications C...
L60 VCC-L60 Datasheet
211Kb / 1P
watertight
logo
Hammond Manufacturing L...
1551W HAMMOND-1551W Datasheet
159Kb / 1P
Watertight Polycarbonate Miniature Enclosures
7/24/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com