Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC1961A Datasheet (PDF) - Analog Devices

DC1961A Datasheet PDF - Analog Devices
Part # DC1961A
Download  DC1961A Download
File Size   590.69 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LT8309 No-Opto Flyback Converter with Synchronous Rectifier

DC1961A Datasheet (PDF)

Go To PDF Page Download Datasheet
DC1961A Datasheet PDF - Analog Devices

Part # DC1961A
Download  DC1961A Click to download

File Size   590.69 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LT8309 No-Opto Flyback Converter with Synchronous Rectifier

DC1961A Datasheet (HTML) - Analog Devices


DC1961A Product details

Description
Demonstration circuit 1961A features the LT®8309, a
secondary synchronous driver in an isolated, no optocoupler,
flyback converter. It regulates a 12V, 5A output
from a 36V to 72V input source.
Output regulation is handled on the primary side by the
LT3748, a boundary conduction mode flyback controller
which senses output voltage directly from the primary, resulting
in a simple flyback schematic with no opto-coupler.
The LT8309 synchronous rectifier driver replicates the
behavior of a diode by sensing the synchronous MOSFET
drain-to-source voltage to determine its turn on period.
By replacing the diode with a N-channel MOSFET, applications
are no longer restricted by the heat constraints of
the rectifier diode.
On the DC1961A, the LT8309 is biased from the rectified
drain voltage node of secondary side synchronous
MOSFET, not directly connecting to output voltage. This
configuration allows the synchronous MOSFET to remain
conducting at all times, even when output is shorted
to ground, so as to provide a very robust short circuit
performance.
The Performance Summary table summarizes the performance
of the demo board at room temperature. For
thermally critical applications, proper amount of air flow
can help to reduce power components’ temperature rise,
therefore greatly improving circuit reliability.
The LT8309 data sheet gives a complete description of
the part, operation and application information. The data
sheet must be read in conjunction with this quick start
guide for demo circuit 1961A.




Similar Part No. - DC1961A

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DC19678-138 ITT-DC19678-138 Datasheet
9Mb / 301P
D Subminiature Connectors
DC19678-162 ITT-DC19678-162 Datasheet
9Mb / 301P
D Subminiature Connectors
DC19678-173 ITT-DC19678-173 Datasheet
9Mb / 301P
D Subminiature Connectors
DC19678-214 ITT-DC19678-214 Datasheet
2Mb / 28P
Defining and Champooning Innivation
DC19678-214 ITT-DC19678-214 Datasheet
2Mb / 28P
D Subminiature Accessories
More results


Similar Description - DC1961A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3837 LINER-LT3837 Datasheet
250Kb / 28P
Isolated No-Opto Synchronous Flyback Controller
LTC4269-1 LINER-LTC4269-1 Datasheet
391Kb / 44P
IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
LTC4278 LINER-LTC4278_12 Datasheet
504Kb / 42P
Synchronous No-Opto Flyback Controller
LT3837 LINER-LT3837_15 Datasheet
321Kb / 28P
Isolated No-Opto Synchronous Flyback Controller
LTC4268-1 LINER-LTC4268-1_15 Datasheet
424Kb / 46P
High Power PD With Synchronous No-Opto Flyback Controller
LTC4269-1 LINER-LTC4269-1_15 Datasheet
383Kb / 44P
IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
LTC4268-1 LINER-LTC4268-1_12 Datasheet
424Kb / 46P
High Power PD With Synchronous No-Opto Flyback Controller
logo
Linear Integrated Syste...
LT8303ES5 LINEAR-LT8303ES5 Datasheet
32Kb / 1P
MICROPOWER NO-OPTO ISOLATED FLYBACK CONVERTER
logo
Linear Technology
LT8302 LINER-LT8302 Datasheet
556Kb / 6P
Micropower No-Opto Isolated Flyback Converter
logo
Maxim Integrated Produc...
MAX17690EVKITE MAXIM-MAX17690EVKITE Datasheet
896Kb / 10P
MAX17690 No-Opto Flyback with Secondary-Side Synchronous Rectification
Rev 0; 6/18
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com