Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4295 Datasheet (PDF) - Analog Devices

LT4295 Datasheet PDF - Analog Devices
Part # LT4295
Download  LT4295 Download
File Size   2026.57 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LT4295, LT4321 High Efficiency IEEE802.3bt (PoE, Type 3, 40W) PD with PoE Ideal Diode Bridge

LT4295 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT4295 Datasheet PDF - Analog Devices

Part # LT4295
Download  LT4295 Click to download

File Size   2026.57 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LT4295, LT4321 High Efficiency IEEE802.3bt (PoE, Type 3, 40W) PD with PoE Ideal Diode Bridge

LT4295 Datasheet (HTML) - Analog Devices


LT4295 Product details

DESCRIPTION
Demonstration circuit 2475A-A is an Ethernet Alliance™
certified IEEE802.3bt compliant Power over Ethernet (PoE)
powered device (PD). It features the LT®4295 PD interface
and switching regulator controller with the LT4321 PoE
ideal diode bridge controller.
The LT4295 provides IEEE802.3af (PoE, Type 1),
IEEE802.3at (PoE+, Type 2), and IEEE802.3bt (PoE++,
Type 3 and 4) compliant interfacing and power supply
control. It utilizes an external, low RDS(ON) (57mΩ typical)
N-channel FET for the Hot Swap function to improve
efficiency. The LT4295 controls a DC/DC converter that
utilizes a highly efficient flyback topology with synchronous
rectification.
The LT4321 controls eight low RDS(ON) (57mΩ typical)
N-channel FETs to further improve end-to-end power
delivery efficiency and ease thermal design. This solution
replaces the eight diodes typically found in a passive PoE
rectifier bridge.
The DC2475A-A accepts up to 40W of delivered power
from a power sourcing equipment (PSE) via the RJ45
connector (J1) or a local 48VDC power supply using the
auxiliary supply input. When both supplies are connected,
the auxiliary supply input has priority over the PoE input.
The DC2475A-A supplies a 12V output at up to 3A.




Similar Part No. - LT4295

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4295 LINER-LT4295 Datasheet
1Mb / 12P
High Efficiency IEEE802.3bt (PoE, Type 3,40W) PD with PoE Ideal Diode Bridge
logo
Analog Devices
LT4295 AD-LT4295 Datasheet
1Mb / 40P
4-Port IEEE 802.3bt PoE PSE Controller
LT4295 AD-LT4295 Datasheet
3Mb / 50P
48-Port IEEE 802.3bt PoE PSE Controller
LT4295 AD-LT4295 Datasheet
3Mb / 44P
12/24-Port IEEE 802.3bt PoE PSE Controller
Rev. 0
LT4295 AD-LT4295 Datasheet
2Mb / 34P
12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
Rev. 0
More results


Similar Description - LT4295

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4275 LINER-LT4275 Datasheet
222Kb / 12P
LTPoE/PoE/PoE PD Controller
LT4275 LINER-LT4275_15 Datasheet
222Kb / 12P
LTPoE/PoE/PoE PD Controller
LT4321 LINER-LT4321_15 Datasheet
177Kb / 12P
PoE Ideal Diode Bridge Controller
LT4276 LINER-LT4276_15 Datasheet
442Kb / 26P
LTPoE/PoE/PoE PD Forward/Flyback Controller
LT4276 LINER-LT4276 Datasheet
785Kb / 10P
PoE PD with Synchronous Flyback and Ideal Diode Bridge
LT4295 LINER-LT4295 Datasheet
1Mb / 12P
High Efficiency IEEE802.3bt (PoE, Type 3,40W) PD with PoE Ideal Diode Bridge
logo
Texas Instruments
TPS23730 TI1-TPS23730 Datasheet
1Mb / 53P
TPS23730 IEEE 802.3bt Type 3 PoE PD with High Efficiency DC-DC Controller
TPS23734 TI1-TPS23734 Datasheet
1Mb / 48P
TPS23734 IEEE 802.3bt Type 3 Class 1-4 PoE PD with High Efficiency DC-DC Controller
logo
Bourns Electronic Solut...
POE-EP BOURNS-POE-EP Datasheet
1,007Kb / 8P
POE-EP & POE-PD Series - PoE DC/DC Transformers
Mar 31, 2015
logo
AAEON Technology
UP-POE-A20-0001 AAEON-UP-POE-A20-0001 Datasheet
520Kb / 1P
PoE Ideal Diode Bridge & PD Forward/Flyback Controller
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com