Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC86D Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHC86D Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHC86D
Download  74AHC86D Download
File Size   594.55 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input EXCLUSIVE-OR gate

74AHC86D Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC86D Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHC86D
Download  74AHC86D Click to download

File Size   594.55 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input EXCLUSIVE-OR gate

74AHC86D Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHC86D Product details

General description
The 74AHC86; 74AHCT86 are high-speed Si-gate CMOS devices and are pin compatible
with Low-power Schottky TTL (LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74AHC86; 74AHCT86 provides a 2-input exclusive-OR function.
Features
Balanced propagation delays
All inputs have a Schmitt-trigger action
Inputs accepts voltages higher than VCC
For 74AHC86 only: operates with CMOS input levels
For 74AHCT86 only: operates with TTL input levels
ESD protection:
HBM JESD22-A114E exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
CDM JESD22-C101C exceeds 1000 V
Multiple package options
Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74AHC86D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC86D PHILIPS-74AHC86D Datasheet
75Kb / 16P
Quad 2-input EXCLUSIVE-OR gate
1999 Sep 17
74AHC86D NXP-74AHC86D Datasheet
85Kb / 14P
Quad 2-input EXCLUSIVE-OR gate
Rev. 02-15 November 2007
logo
Nexperia B.V. All right...
74AHC86D NEXPERIA-74AHC86D Datasheet
235Kb / 14P
Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 5 June 2020
74AHC86D-Q100 NEXPERIA-74AHC86D-Q100 Datasheet
705Kb / 15P
Automotive product qualification in accordance with AEC-Q100
More results


Similar Description - 74AHC86D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
National Semiconductor ...
54AC86 NSC-54AC86 Datasheet
112Kb / 6P
Quad 2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Fairchild Semiconductor
CD4070BC FAIRCHILD-CD4070BC Datasheet
53Kb / 5P
Quad 2-Input EXCLUSIVE-OR Gate
DM74LS86 FAIRCHILD-DM74LS86 Datasheet
61Kb / 5P
Quad 2-Input Exclusive-OR Gate
MM74HC86 FAIRCHILD-MM74HC86 Datasheet
81Kb / 7P
Quad 2-Input Exclusive OR Gate
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
Quad 2-Input Exclusive-OR Gate
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
QUAD 2-INPUT EXCLUSIVE OR GATE
logo
Nexperia B.V. All right...
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com