Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74CBTLV3245 Datasheet (PDF) - Nexperia B.V. All rights reserved

74CBTLV3245 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74CBTLV3245
Download  74CBTLV3245 Download
File Size   252.24 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit bus switch with output enable

74CBTLV3245 Datasheet (PDF)

Go To PDF Page Download Datasheet
74CBTLV3245 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74CBTLV3245
Download  74CBTLV3245 Click to download

File Size   252.24 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit bus switch with output enable

74CBTLV3245 Datasheet (HTML) - Nexperia B.V. All rights reserved


74CBTLV3245 Product details

General description
The 74CBTLV3245 is an 8-pole, single-throw bus switch. The device features a single
output enable input (OE) that controls eight switch channels. The switches are disabled
when OE is HIGH. Schmitt-trigger action at control inputs makes the circuit tolerant of
slower input rise and fall times. This device is fully specified for partial power-down
applications using IOFF. The IOFF circuitry disables the output, preventing the damaging
backflow current through the device when it is powered down.
Features and benefits
 Supply voltage range from 2.3 V to 3.6 V
 High noise immunity
 Complies with JEDEC standard:
 JESD8-5 (2.3 V to 2.7 V)
 JESD8-B/JESD36 (2.7 V to 3.6 V)
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 CDM AEC-Q100-011 revision B exceeds 1000 V
 5  switch connection between two ports
 Rail to rail switching on data I/O ports
 CMOS low power consumption
 Latch-up performance exceeds 250 mA per JESD78B Class I level A
 IOFF circuitry provides partial Power-down mode operation
 Multiple package options
 Specified from 40 C to +85 C and 40 C to +125 C




Similar Part No. - 74CBTLV3245

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74CBTLV3245 NEXPERIA-74CBTLV3245 Datasheet
267Kb / 15P
8-bit bus switch with output enable
logo
Renesas Technology Corp
74CBTLV3245 RENESAS-74CBTLV3245 Datasheet
264Kb / 6P
LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
logo
Nexperia B.V. All right...
74CBTLV3245-Q100 NEXPERIA-74CBTLV3245-Q100 Datasheet
267Kb / 15P
8-bit bus switch with output enable
logo
Texas Instruments
74CBTLV3245ADBQRE4 TI-74CBTLV3245ADBQRE4 Datasheet
688Kb / 18P
LOW-VOLTAGE OCTAL FET BUS SWITCH
74CBTLV3245ADBQRG4 TI-74CBTLV3245ADBQRG4 Datasheet
688Kb / 18P
LOW-VOLTAGE OCTAL FET BUS SWITCH
More results


Similar Description - 74CBTLV3245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3861 NXP-CBT3861 Datasheet
316Kb / 14P
10-bit bus switch with output enable
Rev. 1-19 August 2010
74CBTLV3861 NXP-74CBTLV3861 Datasheet
165Kb / 18P
10-bit bus switch with output enable
Rev. 3-16 December 2011
74CBTLV3245 PHILIPS-74CBTLV3245_15 Datasheet
163Kb / 18P
8-bit bus switch with output enable
Rev. 2-15 December 2011
74CBTLV3861 PHILIPS-74CBTLV3861_15 Datasheet
165Kb / 18P
10-bit bus switch with output enable
Rev. 3-16 December 2011
74CBTLVD3245 PHILIPS-74CBTLVD3245_15 Datasheet
415Kb / 19P
8-bit level-shifting bus switch with output enable
Rev. 3-16 December 2011
logo
Nexperia B.V. All right...
74CBTLVD3245 NEXPERIA-74CBTLVD3245 Datasheet
235Kb / 14P
8-bit level-shifting bus switch with output enable
74CBTLV3245 NEXPERIA-74CBTLV3245 Datasheet
267Kb / 15P
8-bit bus switch with output enable
74CBTLV3245-Q100 NEXPERIA-74CBTLV3245-Q100 Datasheet
267Kb / 15P
8-bit bus switch with output enable
74CBTLVD3245-Q100 NEXPERIA-74CBTLVD3245-Q100 Datasheet
235Kb / 14P
8-bit level-shifting bus switch with output enable
CBT3861 NEXPERIA-CBT3861 Datasheet
208Kb / 10P
10-bit bus switch with output enable
Rev. 4 - 6 March 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com