Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3922 Datasheet (PDF) - Analog Devices

DS3922 Datasheet PDF - Analog Devices
Part # DS3922
Download  DS3922 Download
File Size   353.8 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Speed Current Mirror and Integrated FETs for DC-DC Controller

DS3922 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS3922 Datasheet PDF - Analog Devices

Part # DS3922
Download  DS3922 Click to download

File Size   353.8 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Speed Current Mirror and Integrated FETs for DC-DC Controller

DS3922 Datasheet (HTML) - Analog Devices


DS3922 Product details

Benefits and Features
●● Accurate Burst-Mode RSSI Measurement with Two
Current Mirror Outputs Improves Dynamic Range
• -32dBm to -5dBm Optical Input Range
• ±0.5dB Accuracy
• Sampling Period as Short as 300ns
• Pin Discharge Option
●● Low-Noise APD Bias with Shutdown Options
Reduces Receiver Sensitivity
• 15V to 76V APD Bias
• External Capacitor Connection for Controlled RC
Time Constant of APD Voltage Filter
• Current Clamp with Adjustable Limit and External
Shutdown with Limit Status
• High-Voltage Switch FET for APD Fast Shutdown
●● Supports Additional DC-DC Functions
• Low-Voltage Synchronous Buck FETs for Efficient
DFB Bias
• Low-Voltage pMOSFET for Generating Negative
Bias Voltage for EMLs
●● Small Package Reduces Total Solution Size and Cost
• 3.5mm x 3.5mm, 24-Pin TQFN Package with
Exposed Pad




Similar Part No. - DS3922

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3920 MAXIM-DS3920 Datasheet
1Mb / 7P
Fast Current Mirror Voltage Clamp Protects Subsequent Output Circuitry
Rev 0; 3/11
DS3920 MAXIM-DS3920 Datasheet
1Mb / 7P
Fast Current Mirror
Rev 2; 12/11
DS3920T-001+ MAXIM-DS3920T-001+ Datasheet
1Mb / 7P
Fast Current Mirror Voltage Clamp Protects Subsequent Output Circuitry
Rev 0; 3/11
DS3920T-001+T MAXIM-DS3920T-001+T Datasheet
1Mb / 7P
Fast Current Mirror Voltage Clamp Protects Subsequent Output Circuitry
Rev 0; 3/11
DS3920T-002+ MAXIM-DS3920T-002+ Datasheet
1Mb / 7P
Fast Current Mirror Voltage Clamp Protects Subsequent Output Circuitry
Rev 0; 3/11
More results


Similar Description - DS3922

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23750 TI-TPS23750 Datasheet
2Mb / 38P
INTEGRATED 100-V IEEE 802.3af PD AND DC/DC CONTROLLER
logo
Micrel Semiconductor
MIC9130 MICREL-MIC9130 Datasheet
395Kb / 19P
High-Voltage, High-Speed Telecom DC-to-DC Controller
MIC9131 MICREL-MIC9131 Datasheet
142Kb / 20P
High-Voltage, High-Speed Telecom DC-to-DC Controller
logo
Toshiba Semiconductor
TPCA8010-H TOSHIBA-TPCA8010-H Datasheet
41Kb / 4P
High Speed and High Efficiency DC-DC Converters
02-Mar-2004
TPCA8009-H TOSHIBA-TPCA8009-H Datasheet
105Kb / 4P
High Speed and High Efficiency DC-DC Converters
logo
Micrel Semiconductor
MIC9130 MICREL-MIC9130_08 Datasheet
257Kb / 19P
High-Voltage, High-Speed Telecom DC-to-DC Controller
logo
Texas Instruments
TPS23750EVM-108 TI1-TPS23750EVM-108 Datasheet
1Mb / 41P
INTEGRATED 100-V IEEE 802.3af PD AND DC/DC CONTROLLER
logo
Maxim Integrated Produc...
DS3923 MAXIM-DS3923 Datasheet
817Kb / 15P
High-Speed Current Mirror
Rev 1; 8/14
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-32JT AVAGO-ACPL-32JT Datasheet
452Kb / 18P
Controller for Isolated DC-DC Converter, Integrated IGBT Desat
logo
Rohm
BD83A14EFV-M ROHM-BD83A14EFV-M_V01 Datasheet
2Mb / 50P
4 ch Current Driver Integrated, Built-in MOS for Boost DC/DC Controller
30.Nov.2022 Rev.002
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com