Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B58620F3800B830 Datasheet (PDF) - EPCOS

B58620F3800B830 Datasheet PDF - EPCOS
Part # B58620F3800B830
Download  B58620F3800B830 Download
File Size   750.55 Kbytes
Page   12 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Pressure transmitter with analogue output

B58620F3800B830 Datasheet (PDF)

Go To PDF Page Download Datasheet
B58620F3800B830 Datasheet PDF - EPCOS

Part # B58620F3800B830
Download  B58620F3800B830 Click to download

File Size   750.55 Kbytes
Page   12 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Pressure transmitter with analogue output

B58620F3800B830 Datasheet (HTML) - EPCOS


B58620F3800B830 Product details

Features
 Absolute Pressure measurement
 Pressure range 1 to 11 bar
 Analogue output
 Voltage output signal proportional to pressure and supply voltage (ratiometric)
 The integrated signal conditioner compensates non-linearity and temperature errors and supplies
a precise calibrated, amplified output signal with a high immunity against electromagnetic
influences
 High resistance to large variety of media. Unsuitable for substances reacting with silicon, glass,
FKM, stainless steel.
 Overvoltage and reverse voltage protection
 Short response time
 High measuring accuracy
 Wire adapter with 1m long cable included




Similar Part No. - B58620F3800B830

ManufacturerPart #DatasheetDescription
logo
EPCOS
B58620A0010A001 EPCOS-B58620A0010A001 Datasheet
169Kb / 7P
Pressure sensors Barometric pressure transmitters for SMT (voltage output)
B58620H5810A018 EPCOS-B58620H5810A018 Datasheet
135Kb / 8P
Pressure sensors
B58620H5810A019 EPCOS-B58620H5810A019 Datasheet
135Kb / 8P
Pressure sensors
B58620H5810A020 EPCOS-B58620H5810A020 Datasheet
135Kb / 8P
Pressure sensors
B58620H5810A021 EPCOS-B58620H5810A021 Datasheet
135Kb / 8P
Pressure sensors
More results


Similar Description - B58620F3800B830

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS24A ETC2-MS24A Datasheet
17Kb / 1P
Buffered Analogue Output
logo
Carlo Gavazzi Holding A...
UA18CSD08AGM1TI CARLOGAVAZZI-UA18CSD08AGM1TI Datasheet
409Kb / 4P
Ultrasonic Diffuse, Analogue Output
logo
Festo Corporation.
571471 FESTO-571471 Datasheet
92Kb / 2P
Pressure transmitter
571472 FESTO-571472 Datasheet
92Kb / 2P
Pressure transmitter
571476 FESTO-571476 Datasheet
92Kb / 2P
Pressure transmitter
4080494 FESTO-4080494 Datasheet
75Kb / 2P
Analogue output module
logo
WOLFSPEED, INC.
AMS3011 WOLFSPEED-AMS3011 Datasheet
511Kb / 8P
Miniaturized pressure transmitter with 0 .. 5 V output
April 2016 Rev. 1.0
AMS4710 WOLFSPEED-AMS4710 Datasheet
610Kb / 8P
Miniaturized pressure transmitter with analog 0 ... 10 V output
March 2020 Rev. 1.0
AMS4711 WOLFSPEED-AMS4711 Datasheet
539Kb / 8P
Miniaturized pressure transmitter with 0 .. 5 V output
March 2015 Rev. 4.0
AMS4712 WOLFSPEED-AMS4712 Datasheet
607Kb / 8P
Miniaturized pressure transmitter with 4 .. 20 mA output
March 2015 Rev. 4.0
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com