Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4007 Datasheet (PDF) - Analog Devices

ADF4007 Datasheet PDF - Analog Devices
Part # ADF4007
Download  ADF4007 Download
File Size   287.85 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Frequency Divider/PLL Synthesizer

ADF4007 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF4007 Datasheet PDF - Analog Devices

Part # ADF4007
Download  ADF4007 Click to download

File Size   287.85 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Frequency Divider/PLL Synthesizer

ADF4007 Datasheet (HTML) - Analog Devices


ADF4007 Product details

FEATURES
7.5 GHz bandwidth
Maximum PFD frequency of 120 MHz
Divide ratios of 8, 16, 32, or 64
2.7 V to 3.3 V power supply
Separate charge pump supply (VP) allows extended tuning
voltage in 3 V systems
RSET control of charge pump current
Hardware power-down mode

APPLICATIONS
Satellite communications
Broadband wireless access
CATV
Instrumentation
Wireless LANs




Similar Part No. - ADF4007

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4007 AD-ADF4007 Datasheet
390Kb / 16P
High Frequency Divider/PLL Synthesizer
ADF4007 AD-ADF4007 Datasheet
274Kb / 16P
High Frequency Divider/PLL Synthesizer
REV. B
ADF4007BCP AD-ADF4007BCP Datasheet
390Kb / 16P
High Frequency Divider/PLL Synthesizer
ADF4007BCP-REEL AD-ADF4007BCP-REEL Datasheet
390Kb / 16P
High Frequency Divider/PLL Synthesizer
ADF4007BCP-REEL7 AD-ADF4007BCP-REEL7 Datasheet
390Kb / 16P
High Frequency Divider/PLL Synthesizer
More results


Similar Description - ADF4007

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4007 AD-ADF4007 Datasheet
390Kb / 16P
High Frequency Divider/PLL Synthesizer
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
PLL FREQUENCY SYNTHESIZER
logo
List of Unclassifed Man...
CX7925B ETC1-CX7925B Datasheet
87Kb / 1P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER AND PROGRAMMABLE DIVIDER
logo
Analog Devices
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
PLL Frequency Synthesizer
4/06-Revision 0
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
PLL Frequency Synthesizer
logo
Analog Devices
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
PLL Frequency Synthesizer
REV. B
ADF4007 AD-ADF4007_15 Datasheet
274Kb / 16P
High Frequency Divider/PLL Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
PLL Frequency Synthesizer
Rev. E
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
PLL Frequency Synthesizer
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com