Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV165PW Datasheet (PDF) - Nexperia B.V. All rights reserved

74LV165PW Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LV165PW
Download  74LV165PW Download
File Size   819.9 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit parallel-in/serial-out shift register

74LV165PW Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV165PW Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LV165PW
Download  74LV165PW Click to download

File Size   819.9 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit parallel-in/serial-out shift register

74LV165PW Datasheet (HTML) - Nexperia B.V. All rights reserved


74LV165PW Product details

General description
The 74LV165 is an 8-bit parallel-load or serial-in shift register with complementary serial
outputs (Q7 and Q7) available from the last stage. When the parallel-load input (PL) is
LOW, parallel data from the inputs D0 to D7 are loaded into the register asynchronously.
When input PL is HIGH, data enters the register serially at the input DS. It shifts one place
to the right (Q0 Q1 Q2, etc.) with each positive-going clock transition. This feature
allows parallel-to-serial converter expansion by tying the output Q7 to the input DS of the
succeeding stage.
The clock input is a gate-OR structure which allows one input to be used as an active
LOW clock enable input (CE) input. The pin assignment for the inputs CP and CE is
arbitrary and can be reversed for layout convenience. The LOW-to-HIGH transition of the
input CE should only take place while CP HIGH for predictable operation. Either the CP or
the CE should be HIGH before the LOW-to-HIGH transition of PL to prevent shifting the
data when PL is activated.
Features and benefits
 Wide supply voltage range from 1.0 V to 5.5 V
 Synchronous parallel-to-serial applications
 Optimized for low voltage applications: 1.0 V to 3.6 V
 Synchronous serial input for easy expansion
 Latch-up performance exceeds 250 mA
 5.5 V tolerant inputs/outputs
 Direct interface with TTL levels (2.7 V to 3.6 V)
 Power-down mode
 Complies with JEDEC standards:
 JESD8-5 (2.3 V to 2.7 V)
 JESD8B/JESD36 (2.7 V to 3.6 V)
 JESD8-1A (4.5 V to 5.5 V)
 ESD protection:
 HBM JESD22-A114-A exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 Specified from 40 C to +85 C and from 40 C to +125 C




Similar Part No. - 74LV165PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV165PW PHILIPS-74LV165PW Datasheet
137Kb / 14P
8-bit parallel-in/serial-out shift register
1998 May 07
logo
Nexperia B.V. All right...
74LV165PW NEXPERIA-74LV165PW Datasheet
278Kb / 16P
8-bit parallel-in/serial-out shift register
Rev. 9 - 5 September 2022
74LV165PW-Q100 NEXPERIA-74LV165PW-Q100 Datasheet
777Kb / 19P
8-bit parallel-in/serial-out shift register
logo
NXP Semiconductors
74LV165PWDH PHILIPS-74LV165PWDH Datasheet
137Kb / 14P
8-bit parallel-in/serial-out shift register
1998 May 07
More results


Similar Description - 74LV165PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
Parallel-in/Serial-out 8-Bit Shift Register
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com