Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G175GW Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC1G175GW Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC1G175GW
Download  74LVC1G175GW Download
File Size   212.24 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single D-type flip-flop with reset; positive-edge trigger

74LVC1G175GW Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G175GW Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC1G175GW
Download  74LVC1G175GW Click to download

File Size   212.24 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single D-type flip-flop with reset; positive-edge trigger

74LVC1G175GW Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC1G175GW Product details

General description
The 74LVC1G175 is a low-power, low-voltage single positive edge triggered D-type
flip-flop with individual data (D) input, clock (CP) input, master reset (MR) input, and Q
output.
The master reset (MR) is an asynchronous active LOW input and operates independently
of the clock input. Information on the data input is transferred to the Q output on the
LOW-to-HIGH transition of the clock pulse. The D input must be stable one set-up time
prior to the LOW-to-HIGH clock transition for predictable operation.
The inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of
this device in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing the damaging backflow current through the device
when it is powered down.
Schmitt trigger action at all inputs makes the circuit highly tolerant of slower input rise and
fall times.
Features and benefits
 Wide supply voltage range from 1.65 V to 5.5 V
 5 V tolerant inputs for interfacing with 5 V logic
 High noise immunity
 Complies with JEDEC standard:
 JESD8-7 (1.65 V to 1.95 V)
 JESD8-5 (2.3 V to 2.7 V)
 JESD8B/JESD36 (2.7 V to 3.6 V).
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V.
 24 mA output drive (VCC = 3.0 V)
 CMOS low power consumption
 Latch-up performance exceeds 250 mA
 Direct interface with TTL levels
 Inputs accept voltages up to 5 V
 Multiple package options
 Specified from 40 C to +85 C and 40 C to +125 C.




Similar Part No. - 74LVC1G175GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G175GW PHILIPS-74LVC1G175GW Datasheet
91Kb / 17P
Single D-type flip-flop with reset; positive-edge trigger
Rev. 01-18 October 2004
74LVC1G175GW NXP-74LVC1G175GW Datasheet
100Kb / 17P
Single D-type flip-flop with reset; positive-edge trigger
Rev. 03-21 May 2007
logo
Nexperia B.V. All right...
74LVC1G175GW NEXPERIA-74LVC1G175GW Datasheet
268Kb / 17P
Single D-type flip-flop with reset; positive-edge trigger
Rev. 10 - 27 January 2022
74LVC1G175GW-Q100 NEXPERIA-74LVC1G175GW-Q100 Datasheet
221Kb / 13P
Single D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74LVC1G175GW.125 NXP-74LVC1G175GW.125 Datasheet
139Kb / 20P
Single D-type flip-flop with reset; positive-edge trigger
Rev. 5-6 December 2011
More results


Similar Description - 74LVC1G175GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
74LVC1G175 PHILIPS-74LVC1G175 Datasheet
91Kb / 17P
Single D-type flip-flop with reset; positive-edge trigger
Rev. 01-18 October 2004
logo
KODENSHI_AUK CORP.
KK74LV174 KODENSHI-KK74LV174 Datasheet
294Kb / 6P
Hex D-type flip-flop with reset; positive edge-trigger
logo
NXP Semiconductors
74LVC1G175 NXP-74LVC1G175 Datasheet
100Kb / 17P
Single D-type flip-flop with reset; positive-edge trigger
Rev. 03-21 May 2007
74LVC1G175GW.125 NXP-74LVC1G175GW.125 Datasheet
139Kb / 20P
Single D-type flip-flop with reset; positive-edge trigger
Rev. 5-6 December 2011
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
Octal D-type flip-flop with reset; positive-edge trigger
74HC175-Q100 NEXPERIA-74HC175-Q100 Datasheet
747Kb / 18P
Quad D-type flip-flop with reset; positive-edge trigger
74LVC1G175-Q100 NEXPERIA-74LVC1G175-Q100 Datasheet
221Kb / 13P
Single D-type flip-flop with reset; positive-edge trigger
74LVC1G175 NEXPERIA-74LVC1G175 Datasheet
268Kb / 17P
Single D-type flip-flop with reset; positive-edge trigger
Rev. 10 - 27 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com