Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NM3 Datasheet (PDF) - PANDUIT CORP.

NM3 Datasheet PDF - PANDUIT CORP.
Part # NM3
Download  NM3 Download
File Size   747.42 Kbytes
Page   2 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description High Capacity Horizontal Cable Managers

NM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
NM3 Datasheet PDF - PANDUIT CORP.

Part # NM3
Download  NM3 Click to download

File Size   747.42 Kbytes
Page   2 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description High Capacity Horizontal Cable Managers

NM3 Datasheet (HTML) - PANDUIT CORP.


NM3 Product details

The high capacity horizontal cable managers shall
be capable of managing high performance cable on
the front and rear of any 19" EIA rack. The high
capacity horizontal cable managers shall be molded
plastic with bend radius fingers that protect the
cable. The fingers shall be inset towards the rack to
allow easy access to patch cords and terminations.
Standard pass through holes shall incorporate bend
radius control. Dual hinged covers shall allow
access to the cable pathway.




Similar Part No. - NM3

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
NM3 PANDUIT-NM3 Datasheet
1Mb / 2P
NetRunner Vertical Cable Managers
7/2020
logo
Nanya Technology Corpor...
NM3484KSLAXA7 NANYA-NM3484KSLAXA7 Datasheet
5Mb / 85P
MCP Specification
NM3484KSLAXA7-3D NANYA-NM3484KSLAXA7-3D Datasheet
5Mb / 85P
MCP Specification
NM3484KSLAXA73DNA NANYA-NM3484KSLAXA73DNA Datasheet
5Mb / 85P
MCP Specification
NM3488KSLAXA7 NANYA-NM3488KSLAXA7 Datasheet
5Mb / 85P
MCP Specification
More results


Similar Description - NM3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
215.500P LITTELFUSE-215.500P Datasheet
252Kb / 2P
High breaking capacity
logo
Tripp Lite. All Rights ...
SRCABLEDUCT1UHD TRIPPLITE-SRCABLEDUCT1UHD Datasheet
480Kb / 2P
SmartRack 1U High Capacity Horizontal Cable Manager - Finger duct with dual-hinge cover
SRCABLEDUCT2UHD TRIPPLITE-SRCABLEDUCT2UHD Datasheet
491Kb / 2P
SmartRack 2U High Capacity Horizontal Cable Manager - Finger duct with dual-hinge cover
logo
Shanghai Shunye Electro...
MBR2070CT SHUNYE-MBR2070CT Datasheet
259Kb / 2P
High surge capacity
logo
Mospec Semiconductor
HER206 MOSPEC-HER206 Datasheet
58Kb / 2P
High Surge Capacity
logo
Hongfa Technology
HFE7 HONGFA-HFE7_17 Datasheet
74Kb / 4P
High switching capacity
logo
PANDUIT CORP.
PR2VD0679 PANDUIT-PR2VD0679 Datasheet
455Kb / 2P
PatchRunner??2 Vertical Cable Managers
logo
Hubbell Incorporated.
HJWM24 HUBBELL-HJWM24 Datasheet
230Kb / 1P
Cobra-Lock??Termination Wire Managers
logo
PANDUIT CORP.
WMP1E PANDUIT-WMP1E Datasheet
838Kb / 2P
PatchLink ??Horizontal Cable Managers
5/2016
logo
List of Unclassifed Man...
90662-30 ETC-90662-30 Datasheet
309Kb / 1P
High Back Managers Chair
02-01-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com