Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H075X044H1T Datasheet (PDF) - PANDUIT CORP.

H075X044H1T Datasheet PDF - PANDUIT CORP.
Part # H075X044H1T
Download  H075X044H1T Download
File Size   1682.08 Kbytes
Page   36 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description Turn-Tell Labels

H075X044H1T Datasheet (PDF)

Go To PDF Page Download Datasheet
H075X044H1T Datasheet PDF - PANDUIT CORP.

Part # H075X044H1T
Download  H075X044H1T Click to download

File Size   1682.08 Kbytes
Page   36 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description Turn-Tell Labels

H075X044H1T Datasheet (HTML) - PANDUIT CORP.


H075X044H1T Product details

• Allows labels to rotate for visibility from any angle, and
allows repositioning on the wire/cable to align legends for
improved aesthetics
• Ideal for use in high-density or space-constrained
cable applications
• Use thermal transfer hybrid ribbon
• Temperature range: -40°F to 150°F (-40°C to 66°C)




Similar Part No. - H075X044H1T

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
H075X044H1T PANDUIT-H075X044H1T Datasheet
405Kb / 1P
OPTIMUM COMPUTER PRINTABLE MIL. SPEC. HEAT SHRINK MARKERS
4/29/15
H075X044H1T PANDUIT-H075X044H1T Datasheet
528Kb / 3P
PRODUCT CHANGE NOTIFICATION
20220725-1
H075X044H1T PANDUIT-H075X044H1T Datasheet
81Kb / 2P
Thermal Transfer Military Grade Heat Shrink Labels
H075X044H1T PANDUIT-H075X044H1T Datasheet
90Kb / 2P
Military Grade Heat Shrink Labels
3/2008
H075X044H1T-B PANDUIT-H075X044H1T-B Datasheet
405Kb / 1P
OPTIMUM COMPUTER PRINTABLE MIL. SPEC. HEAT SHRINK MARKERS
4/29/15
More results


Similar Description - H075X044H1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CN4616-000 STMICROELECTRONICS-CN4616-000 Datasheet
555Kb / 6P
Solar Identification Labels
Apr-2009
logo
Tyco Electronics
8409 MACOM-8409 Datasheet
455Kb / 11P
20 LABELS ON A STRIP
logo
PANDUIT CORP.
C025X025KBT PANDUIT-C025X025KBT Datasheet
95Kb / 3P
Thermal Transfer Component Labels
C200X100YJJ PANDUIT-C200X100YJJ Datasheet
58Kb / 1P
OPTIMUM C200X100YJJ LASER/INJET LABELS
C261X030FJJ PANDUIT-C261X030FJJ Datasheet
43Kb / 1P
OPTUMUM LASER INK-JET LABELS
C300X100YJJ PANDUIT-C300X100YJJ Datasheet
55Kb / 1P
OPTIMUM C300X100YJJ LASER INKJET LABELS
C400X100YJJ PANDUIT-C400X100YJJ Datasheet
45Kb / 1P
OPTIMUM C400X100YJJ LASER/INKJET LABELS
C10244 PANDUIT-C10244 Datasheet
72Kb / 1P
OPTIMUM C080X020YJJ LASER INKJET LABELS
logo
Silicon Laboratories
EFR32FG1 SILABS-EFR32FG1 Datasheet
4Mb / 101P
Electronic Shelf Labels
logo
PANDUIT CORP.
S100X150YAJ PANDUIT-S100X150YAJ Datasheet
76Kb / 1P
LASER INKJET PRINTABLE LABELS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com