Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC594AD Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC594AD Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC594AD
Download  74LVC594AD Download
File Size   197.75 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit shift register with output register

74LVC594AD Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC594AD Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC594AD
Download  74LVC594AD Click to download

File Size   197.75 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit shift register with output register

74LVC594AD Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC594AD Product details

General description
The 74LVC594A is an 8-bit serial-in/serial or parallel-out shift register with a storage
register. Separate clock and reset inputs are provided on both shift and storage registers.
The input can be driven from either 3.3 V or 5 V devices. This feature allows the use of
this device in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial Power-down applications using IOFF.
The IOFF circuitry disables the output, preventing the damaging backflow current through
the device when it is powered down.
The shift register has a serial input (DS) and a serial output (Q7S) for cascading
purposes. Data is shifted on the positive-going transitions of the SHCP input. The data in
the shift register is transferred to the storage register on a positive-going transition of the
STCP input. If both clocks are connected together, the shift register will always be one
clock pulse ahead of the storage register. A LOW level on one of the two register reset
pins (SHR and STR) will clear the corresponding register.
Features and benefits
 5 V tolerant inputs/outputs for interfacing with 5 V logic
 Wide supply voltage range from 1.2 V to 3.6 V
 CMOS low-power consumption
 Direct interface with TTL levels
 Balanced propagation delays
 All inputs have Schmitt-trigger action
 Complies with JEDEC standard:
 JESD8-7A (1.65 V to 1.95 V)
 JESD8-5A (2.3 V to 2.7 V)
 JESD8-C/JESD36 (2.7 V to 3.6 V)
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 CDM JESD22-C101E exceeds 1000 V
 Specified from 40 C to +85 C and 40 C to +125 C
Applications
 Serial-to-parallel data conversion
 Remote control holding register




Similar Part No. - 74LVC594AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC594AD NXP-74LVC594AD Datasheet
108Kb / 19P
8-bit shift register with output register
Rev. 01 - 24 May 2007
logo
Nexperia B.V. All right...
74LVC594AD NEXPERIA-74LVC594AD Datasheet
286Kb / 18P
8-bit shift register with output register
Rev. 4 - 3 September 2020
74LVC594AD-Q100 NEXPERIA-74LVC594AD-Q100 Datasheet
253Kb / 21P
8-bit shift register with output register
More results


Similar Description - 74LVC594AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC594 PHILIPS-74HC594 Datasheet
71Kb / 10P
8-bit shift register with output register
December 1991
74AHC594 PHILIPS-74AHC594 Datasheet
153Kb / 29P
8-bit shift register with output register
Rev. 01-4 July 2006
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC594 NXP-74HC594 Datasheet
137Kb / 26P
8-bit shift register with output register
Rev. 03-20 December 2006
74AHC_AHCT594 PHILIPS-74AHC_AHCT594_15 Datasheet
132Kb / 22P
8-bit shift register with output register
Rev. 02-9 June 2008
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A-Q100 NEXPERIA-74LVC594A-Q100 Datasheet
253Kb / 21P
8-bit shift register with output register
74HC594-Q100 NEXPERIA-74HC594-Q100 Datasheet
873Kb / 25P
8-bit shift register with output register
74HC594 NEXPERIA-74HC594 Datasheet
347Kb / 23P
8-bit shift register with output register
Rev. 7 - 20 October 2022
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
8-bit shift register with output register
Rev. 4 - 3 September 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com