Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9535PWJ Datasheet (PDF) - Nexperia B.V. All rights reserved

PCA9535PWJ Datasheet PDF - Nexperia B.V. All rights reserved
Part # PCA9535PWJ
Download  PCA9535PWJ Download
File Size   419.99 Kbytes
Page   29 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-voltage 16-bit I²C and SMBus low-power I/O expander

PCA9535PWJ Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9535PWJ Datasheet PDF - Nexperia B.V. All rights reserved

Part # PCA9535PWJ
Download  PCA9535PWJ Click to download

File Size   419.99 Kbytes
Page   29 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-voltage 16-bit I²C and SMBus low-power I/O expander

PCA9535PWJ Datasheet (HTML) - Nexperia B.V. All rights reserved


PCA9535PWJ Product details

General description
The PCA9535 provides 16 bits of General Purpose Input/Output (GPIO) expansion for
I²C-bus/SMBus applications. It is designed for a wide voltage range of 2.3 V to 5.5 V with interrupt.
Nexperia GPIO expanders provide an elegant solution when additional IOs are needed while
keeping the interconnections to a minimum, for example, in ACPI power switches, sensors, push
buttons, LEDs and fan control. The PCA9535 contains a set of 8 bit Input, Output, Configuration
and Polarity inversion registers. At power up all IOs default to inputs. Each IO can be configured as
either input or output by changing the corresponding bit in the configuration register. The data for
each input or output is stored in the corresponding input or output register. The polarity inversion
register can be programmed to invert the polarity of the input register. The PCA9535 has an opendrain
interrupt output which is activated when any one of the GPIO changes from its corresponding
input port register state. The power on reset sets the registers to default values and initializes the
device state machine. The PCA9535 has three address pins A0, A1 and A2 which can be used to
configure the I²C bus slave address of the device. It allows up-to eight devices to share the same
I²C-bus/SMBus.
Features and benefits
• I²C-bus to parallel port expander
• Operating power supply voltage range of 2.3 V to 5.5 V
• Ultra low standby current consumption:
• 1 μA (maximum)
• Schmitt-trigger action allows slow input transition and better switching noise immunity at the
SCL and SDA inputs
• Vhys = 0.10 × VCC (typical)
• Noise filter on SCL and SDA inputs
• 5 V tolerant I/Os
• 16 I/O pins which power up configured in input state
• Open-drain active LOW interrupt output (INT)
• 400 kHz Fast-mode I²C-bus
• Internal power-on reset
• No glitch on power-up
• Latched outputs with 25 mA drive maximum capability for directly driving LEDs
• Latch-up performance exceeds 100 mA per JESD78, Class II
• ESD protection:
• HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 2000 V
• CDM ANSI/ESDA/JEDEC JS-002 Class C3 exceeds 1000 V
• TSSOP24 package: plastic thin shrink small outline package; 24 leads; body width 4.4 mm
• Specified from -40 °C to +85 °C




Similar Part No. - PCA9535PWJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9535PW PHILIPS-PCA9535PW Datasheet
139Kb / 19P
16-bit I2C and SMBus, low power I/O port with interrupt
2003 Jun 27
logo
Texas Instruments
PCA9535PW TI-PCA9535PW Datasheet
834Kb / 35P
REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA9535PW NXP-PCA9535PW Datasheet
190Kb / 32P
16-bit I2C-bus and SMBus, low power I/O port with interrupt
Rev. 03-4 October 2007
PCA9535PW NXP-PCA9535PW Datasheet
182Kb / 31P
16-bit I2C-bus and SMBus, low power I/O port with interrupt
Rev. 05-15 September 2008
logo
Texas Instruments
PCA9535PW TI1-PCA9535PW Datasheet
1Mb / 42P
SMBus Low-Power I/O Expander
More results


Similar Description - PCA9535PWJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9538 TI1-TCA9538 Datasheet
1Mb / 37P
Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander
TCA9539 TI1-TCA9539_15 Datasheet
1Mb / 42P
Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander
PCA9535 TI1-PCA9535_15 Datasheet
1Mb / 42P
SMBus Low-Power I/O Expander
PCA9539 TI1-PCA9539_15 Datasheet
1Mb / 42P
SMBus Low-Power I/O Expander
PCF8575C TI1-PCF8575C_15 Datasheet
1Mb / 38P
SMBus Low-Power I/O Expander
logo
Nexperia B.V. All right...
NCA9555-Q100 NEXPERIA-NCA9555-Q100 Datasheet
490Kb / 31P
Low-voltage 16-bit I²C and SMBus I/O expander with interrupt output and configuration registers
Rev. 2 - 30 March 2023
NCA9535-Q100 NEXPERIA-NCA9535-Q100 Datasheet
463Kb / 29P
Low-voltage 16-bit I²C and SMBus low-power I/O expander with interrupt output and configuration registers
Rev. 1 - 31 March 2023
NCA9535 NEXPERIA-NCA9535 Datasheet
423Kb / 29P
Low-voltage 16-bit I²C and SMBus low-power I/O expander with interrupt output and configuration registers
Rev. 1 - 31 March 2023
NCA9555-Q100 NEXPERIA-NCA9555-Q100_V01 Datasheet
492Kb / 31P
Low-voltage 16-bit I²C and SMBus I/O expander with interrupt output and configuration registers
Rev. 3 - 24 April 2023
NCA9555 NEXPERIA-NCA9555_V01 Datasheet
454Kb / 31P
Low-voltage 16-bit I²C and SMBus I/O expander with interrupt output and configuration registers
Rev. 3 - 24 April 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com