Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3042 Datasheet (PDF) - Analog Devices

LT3042 Datasheet PDF - Analog Devices
Part # LT3042
Download  LT3042 Download
File Size   3360.51 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20V, 200mA, Ultralow Noise, Ultrahigh PSRR RF Linear Regulator

LT3042 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3042 Datasheet PDF - Analog Devices

Part # LT3042
Download  LT3042 Click to download

File Size   3360.51 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20V, 200mA, Ultralow Noise, Ultrahigh PSRR RF Linear Regulator

LT3042 Datasheet (HTML) - Analog Devices


LT3042 Product details

FEATURES
Ultralow RMS oise: 0.8μVRMS (10Hz to 100kHz)
Ultralow Spot oise: 2V/√Hz at 10kHz
Ultrahigh PSRR: 79dB at 1MHz
Output Curret: 200mA
Wide Iput Voltage Rage: 1.8V to 20V
Sigle Capacitor Improves oise ad PSRR
100μA SET Pi Curret: ±1% Iitial Accuracy
Sigle Resistor Programs Output Voltage
High Badwidth: 1MHz
Programmable Curret Limit
Low Dropout Voltage: 350mV
Output Voltage Rage: 0V to 15V
Programmable Power Good
Fast Start-Up Capability
Precisio Eable/UVLO
Parallelable for Lower oise ad Higher Curret
Iteral Curret Limit with Foldback
Miimum Output Capacitor: 4.7μF Ceramic
Reverse Battery ad Reverse Curret Protectio
10-Lead MSOP ad 3mm × 3mm DF Packages
AEC-Q100 Qualified for Automotive Applicatios




Similar Part No. - LT3042

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT3042 LINEAR-LT3042 Datasheet
2Mb / 30P
Precision Dual Output, High Current, Low Noise, Voltage Reference
LT3042 LINEAR-LT3042 Datasheet
2Mb / 30P
Precision Dual Output,High Current, Low Noise, Voltage Reference
logo
Linear Technology
LT3042 LINER-LT3042 Datasheet
388Kb / 8P
PLL/VCO Supply and Reference Board
LT3042 LINER-LT3042 Datasheet
3Mb / 36P
20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
LT3042 LINER-LT3042 Datasheet
1Mb / 22P
Dual-Channel Low Noise Bias Generators
More results


Similar Description - LT3042

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79328YZQR TI1-TPS79328YZQR Datasheet
934Kb / 20P
ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR
logo
Linear Technology
LT3042 LINER-LT3042_15 Datasheet
900Kb / 30P
20V, 200mA, Ultralow Noise, Ultrahigh PSRR RF Linear Regulator
LT3042EDD LINER-LT3042EDD Datasheet
577Kb / 8P
20V, 200mA, Ultralow Noise Ultrahigh PSRR RF LDO Regulator
LT3045EDD LINER-LT3045EDD Datasheet
1Mb / 8P
20V, 500mA, Ultralow Noise Ultrahigh PSRR RF LDO Regulator
LT3045EDD-1 LINER-LT3045EDD-1 Datasheet
273Kb / 8P
20V, 500mA, Ultralow Noise Ultrahigh PSRR RF LDO Regulator with VIOC
LT3045 LINER-LT3045 Datasheet
2Mb / 32P
20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator
LT3045-1 LINER-LT3045-1 Datasheet
3Mb / 36P
20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
logo
Analog Devices
LT3093 AD-LT3093 Datasheet
4Mb / 32P
Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
LT3094 AD-LT3094 Datasheet
2Mb / 34P
Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
01/19-REV.A
LT3046 AD-LT3046 Datasheet
1Mb / 47P
20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com