Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3083MPDF#PBF Datasheet (PDF) - Analog Devices

LT3083MPDF#PBF Datasheet PDF - Analog Devices
Part # LT3083MPDF#PBF
Download  LT3083MPDF#PBF Download
File Size   1077.72 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Adjustable 3A Single Resistor Low Dropout Regulator

LT3083MPDF#PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3083MPDF#PBF Datasheet PDF - Analog Devices

Part # LT3083MPDF#PBF
Download  LT3083MPDF#PBF Click to download

File Size   1077.72 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Adjustable 3A Single Resistor Low Dropout Regulator

LT3083MPDF#PBF Datasheet (HTML) - Analog Devices


LT3083MPDF#PBF Product details

FEATURES
Outputs May be Paralleled for Higher Current and
Heat Spreading
Output Current: 3A
Single Resistor Programs Output Voltage
50μA Set PiCurrent: 1% Initial Accuracy
Output Adjustable to 0V
Low Output Noise: 40μVRMS (10Hz to 100kHz)
Wide Input Voltage Range: 1.2V to 23V
(DD-Pak and TO-220 Packages)
Low Dropout Voltage: 310mV
<1mV Load Regulation
<0.001%/V Line Regulation
Minimum Load Current: 1mA
Stable with Minimum 10μF Ceramic Capacitor
Current Limit with Foldback and Overtemperature
Protection
Available i16-Lead TSSOP, 12-Lead 4mm × 4mm
DFN, 5-Lead TO-220 and 5-Lead Surface Mount
DD-PAK Packages




Similar Part No. - LT3083MPDF#PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3083MPDF LINER-LT3083MPDF Datasheet
264Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
LT3083MPDF LINER-LT3083MPDF Datasheet
351Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
More results


Similar Description - LT3083MPDF#PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3085 LINER-LT3085 Datasheet
289Kb / 28P
Adjustable 500mA Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085_10 Datasheet
297Kb / 28P
Adjustable 500mA Single Resistor Low Dropout Regulator
RH3080MK LINER-RH3080MK Datasheet
69Kb / 2P
Adjustable 0.9A Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083 Datasheet
264Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
LT3083EDF LINER-LT3083EDF Datasheet
351Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
RH1085MK LINER-RH1085MK_15 Datasheet
78Kb / 2P
3A Low Dropout Positive Adjustable Regulator
RH3080MK LINER-RH3080MK_15 Datasheet
137Kb / 6P
Adjustable 0.9A Single Resistor Low Dropout Regulator
RH3083MK LINER-RH3083MK_15 Datasheet
248Kb / 6P
Adjustable 2.8A Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083_15 Datasheet
412Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085_15 Datasheet
302Kb / 28P
Adjustable 500mA Single Resistor Low Dropout Regulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com