Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPL100/100/4-BH1T Datasheet (PDF) - Kemet Corporation

FPL100/100/4-BH1T Datasheet PDF - Kemet Corporation
Part # FPL100/100/4-BH1T
Download  FPL100/100/4-BH1T Download
File Size   468.59 Kbytes
Page   9 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description WPT Ferrite Tiles, FPL Series

FPL100/100/4-BH1T Datasheet (PDF)

Go To PDF Page Download Datasheet
FPL100/100/4-BH1T Datasheet PDF - Kemet Corporation

Part # FPL100/100/4-BH1T
Download  FPL100/100/4-BH1T Click to download

File Size   468.59 Kbytes
Page   9 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description WPT Ferrite Tiles, FPL Series

FPL100/100/4-BH1T Datasheet (HTML) - Kemet Corporation


FPL100/100/4-BH1T Product details

Benefits
• Increased efficiency in high power WPT systems
from 3.7 – 30.0 kW
• High operating frequency range up to 1 MHz
• Operating temperature range from −40°C to +125°C
• Low temperature rise with high magnetic flux density
• Available in various geometric sizes on request
• AEC–Q200 qualified (stress test)




Similar Part No. - FPL100/100/4-BH1T

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FPL100/100/4-BH1T KEMET-FPL100/100/4-BH1T Datasheet
53Kb / 1P
KEMET, FPL, Ferrite Materials, Wireless Power Charging
More results


Similar Description - FPL100/100/4-BH1T

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MH1608_MDS BOURNS-MH1608_MDS Datasheet
214Kb / 1P
Ferrite Chip Bead Series
MH2029_MDS BOURNS-MH2029_MDS Datasheet
232Kb / 1P
Ferrite Chip Bead Series
MH3225_MDS BOURNS-MH3225_MDS Datasheet
214Kb / 1P
Ferrite Chip Bead Series
MH3261_MDS BOURNS-MH3261_MDS Datasheet
217Kb / 1P
Ferrite Chip Bead Series
MH4516_MDS BOURNS-MH4516_MDS Datasheet
214Kb / 1P
Ferrite Chip Bead Series
logo
Kemet Corporation
ESD-FPL-14.5-3 KEMET-ESD-FPL-14.5-3 Datasheet
1Mb / 17P
ESD-FPL Series Solid Cores for Flat Cables for High Frequency (Bare)
ESD-FPL-20-12 KEMET-ESD-FPL-20-12 Datasheet
60Kb / 1P
KEMET, ESD-FPL, EMI Cores, Noise Suppression
ESD-FPL-20-15 KEMET-ESD-FPL-20-15 Datasheet
60Kb / 1P
KEMET, ESD-FPL, EMI Cores, Noise Suppression
ESD-FPL-34-15 KEMET-ESD-FPL-34-15 Datasheet
60Kb / 1P
KEMET, ESD-FPL, EMI Cores, Noise Suppression
logo
Wurth Elektronik GmbH &...
760308101150 WURTH-760308101150 Datasheet
505Kb / 6P
WE-WPCC WPT/NFC Combination Transmitter Coil
001.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com