Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6656 Datasheet (PDF) - Analog Devices

LT6656 Datasheet PDF - Analog Devices
Part # LT6656
Download  LT6656 Download
File Size   1662.68 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1μA Precision Series Voltage Reference

LT6656 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT6656 Datasheet PDF - Analog Devices

Part # LT6656
Download  LT6656 Click to download

File Size   1662.68 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1μA Precision Series Voltage Reference

LT6656 Datasheet (HTML) - Analog Devices


LT6656 Product details

FEATURES
Ultralow Supply Current: 850nA
Low Drift
A Grade: 10 ppm/°C Max
B Grade: 20 ppm/°C Max
High Accuracy
A Grade: 0.05% Max
B Grade: 0.1% Max
Long-Term Drift: 15ppm/√kHr (LS8 Package)
No Humidity Sensitivity (LS8 Package)
High Output Drive Current: 5mA Min
Low Dropout Voltage: 10mV Max
Fully Specified from –40°C to 85°C
Operational from –55°C to 125°C
Wide Supply Range to 18V
Reverse Input/Output Protection
Available Output Voltage Options:
1.25V, 2.048V, 2.5V, 2.8V, 3V, 3.3V, 4.096V and 5V
Available in Low Profile (1mm) ThinSOT™,
(2mm × 2mm) DFN and High Stability Hermetic
(5mm × 5mm) LS8 Packages




Similar Part No. - LT6656

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
1關A Precision Series Voltage Reference
LT6656 LINER-LT6656 Datasheet
844Kb / 18P
SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
logo
Linear Integrated Syste...
LT6656 LINEAR-LT6656 Datasheet
747Kb / 22P
1.5ppm C Drift, Low Noise, Buffered Reference
logo
Analog Devices
LT6656 AD-LT6656 Datasheet
1Mb / 59P
Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
Rev. B
LT6656 AD-LT6656 Datasheet
3Mb / 21P
Precision, Micropower, High Current Output Voltage Reference
Rev. 0
More results


Similar Description - LT6656

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM169 NSC-LM169 Datasheet
262Kb / 14P
Precision Voltage Reference
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
Precision Voltage Reference
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006_12 Datasheet
275Kb / 8P
1μA SOT23 Precision ShuntVoltage Reference
Rev 1; 7/12
logo
DATEL, Inc.
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-0540SM DATEL-PVR-0540SM Datasheet
91Kb / 1P
Precision Voltage Reference
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
Precision Voltage Reference
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com