Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8228 Datasheet (PDF) - Analog Devices

LT8228 Datasheet PDF - Analog Devices
Part # LT8228
Download  LT8228 Download
File Size   5122.3 Kbytes
Page   69 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Bidirectional Synchronous 100V Buck/Boost Controller with Reverse Supply, Reverse Current and Fault Protection

LT8228 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT8228 Datasheet PDF - Analog Devices

Part # LT8228
Download  LT8228 Click to download

File Size   5122.3 Kbytes
Page   69 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Bidirectional Synchronous 100V Buck/Boost Controller with Reverse Supply, Reverse Current and Fault Protection

LT8228 Datasheet (HTML) - Analog Devices


LT8228 Product details

FEATURES
Bidirectional Voltage or Current Regulation
Bidirectional Reverse Current Protection
Input and Output Negative Voltage Protection to –40V
Bidirectional Inrush Current Limit and Boost Output
Short Protection
Switching MOSFET Short Detection and Protection
10V Gate Drive
Wide Input and Output Voltage Range Up to 100V
Feedback Voltage Tolerance: ±1.0% Over Temperature
Bidirectional Programmable Current Regulation and
Monitoring
Extensive Self-Test, Diagnostics and Fault Reporting
Programmable Fixed or Synchronizable Switching
Frequency: 80kHz to 600kHz
Programmable Soft-Start and Dynamic Current Limit
Masterless, Fault Tolerant Current Sharing




Similar Part No. - LT8228

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8228 AD-LT8228 Datasheet
3Mb / 68P
Bidirectional Synchronous 100V Buck/Boost Controller with Reverse Supply, Reverse Current and Fault Protection
LT8228 AD-LT8228 Datasheet
1Mb / 48P
Six-Phase, Synchronous Bidirectional Buck or Boost Controller
LT8228 AD-LT8228 Datasheet
2Mb / 48P
Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
More results


Similar Description - LT8228

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4365 LINER-LTC4365_15 Datasheet
501Kb / 20P
Overvoltage, Undervoltage and Reverse Supply Protection Controller
logo
Seiko Instruments Inc
S13R1 SII-S13R1 Datasheet
972Kb / 49P
REVERSE CURRENT PROTECTION
logo
STMicroelectronics
LD39200 STMICROELECTRONICS-LD39200 Datasheet
1Mb / 30P
Reverse current protection
28-Jul-2014
logo
Linear Technology
LTC4367 LINER-LTC4367 Datasheet
320Kb / 6P
100V Overvoltage, Undervoltage and Reverse Supply Protection Controller
LTC4368 LINER-LTC4368 Datasheet
283Kb / 6P
100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
logo
Analog Devices
LT8228 AD-LT8228 Datasheet
3Mb / 68P
Bidirectional Synchronous 100V Buck/Boost Controller with Reverse Supply, Reverse Current and Fault Protection
LTC4368 AD-LTC4368 Datasheet
1Mb / 22P
100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
06/19-REV.B
LTC7871 AD-LTC7871 Datasheet
1Mb / 48P
Six-Phase, Synchronous Bidirectional Buck or Boost Controller
LTC7872 AD-LTC7872 Datasheet
2Mb / 48P
Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
logo
Renesas Technology Corp
ISL81801 RENESAS-ISL81801 Datasheet
1Mb / 50P
80V Bidirectional 4-Switch Synchronous Buck-Boost Controller
Jun 2, 2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com