Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8672 Datasheet (PDF) - Analog Devices

LT8672 Datasheet PDF - Analog Devices
Part # LT8672
Download  LT8672 Download
File Size   1854.1 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Active Rectifier Controller with Reverse Protection

LT8672 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT8672 Datasheet PDF - Analog Devices

Part # LT8672
Download  LT8672 Click to download

File Size   1854.1 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Active Rectifier Controller with Reverse Protection

LT8672 Datasheet (HTML) - Analog Devices


LT8672 Product details

FEATURES
AEC-Q100 Qualified for Automotive Applications
Reverse Input Protection to –40V
Improved Performance Compared to a
Schottky Diode
Reduce Power Dissipation by >90%
Reduce Drop to 20mV
Ultrafast Transient Response
Rectifies 6VP-P Up to 50kHz
Rectifies 2VP-P Up to 100kHz
Wide Operating Voltage Range: 3V to 42V
Low 20μA Quiescent Current in Operation
Low 3.5μA Shutdown Current
Accurate 1.21V Enable Pin Threshold
Small 10-Lead MSOP Package, 10-Lead 3mm ×
2mm DFN Package and 3mm × 2mm Side-Wettable
DFN Package




Similar Part No. - LT8672

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8672 LINER-LT8672 Datasheet
229Kb / 6P
Active Rectifier Controller with Reverse Protection
logo
Analog Devices
LT8672 AD-LT8672 Datasheet
879Kb / 29P
Floating, High-Voltage Active Rectifier Controller
Rev. 0
More results


Similar Description - LT8672

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8672 LINER-LT8672 Datasheet
229Kb / 6P
Active Rectifier Controller with Reverse Protection
LTC4359 LINER-LTC4359 Datasheet
292Kb / 20P
Ideal Diode Controller with Reverse Input Protection
logo
NXP Semiconductors
TEA2208T NXP-TEA2208T Datasheet
229Kb / 17P
Active bridge rectifier controller
Rev. 1.1-25 March 2020
logo
Texas Instruments
LM74500-Q1 TI-LM74500-Q1 Datasheet
1Mb / 29P
LM74500-Q1 Reverse Polarity Protection Controller
logo
NXP Semiconductors
TEA2206T NXP-TEA2206T Datasheet
238Kb / 14P
Active bridge rectifier controller
Rev. 1.1-14 April 2021
TEA2209T NXP-TEA2209T Datasheet
288Kb / 19P
Active bridge rectifier controller
Rev. 1.1-14 April 2021
logo
Texas Instruments
LM74721-Q1 TI-LM74721-Q1 Datasheet
2Mb / 27P
LM74721-Q1 TVS Less Low IQ Reverse Battery Protection Ideal Diode Controller With Active Rectification
SNOSDC2 ??SEPTEMBER 2021
logo
NXP Semiconductors
TEA2208T NXP-TEA2208T_V01 Datasheet
273Kb / 18P
Active bridge rectifier controller
Rev. 1.4 ??14 April 2021
logo
Texas Instruments
LM74721-Q1 TI-LM74721-Q1_V01 Datasheet
2Mb / 33P
LM74721-Q1 TVS Less Low IQ Automotive Reverse Battery Protection Ideal Diode Controller with Active Rectification
REVISED JULY 2022
logo
Analog Devices
LT8673 AD-LT8673 Datasheet
243Kb / 2P
Active Rectifier Controller with Voltage Monitoring
Rev Sp0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com