Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGU7045 Datasheet (PDF) - NXP Semiconductors

BGU7045 Datasheet PDF - NXP Semiconductors
Part # BGU7045
Download  BGU7045 Download
File Size   92.44 Kbytes
Page   11 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description GHz wideband low-noise amplifier with bypass

BGU7045 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGU7045 Datasheet PDF - NXP Semiconductors

Part # BGU7045
Download  BGU7045 Click to download

File Size   92.44 Kbytes
Page   11 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description GHz wideband low-noise amplifier with bypass

BGU7045 Datasheet (HTML) - NXP Semiconductors


BGU7045 Product details

1.1 General description
The BGU7045 MMIC is a 3.3 V wideband amplifier with bypass mode. It is designed
specifically for high linearity, low-noise applications over a frequency range of 40 MHz to
1 GHz. It is especially suited for Set-Top Box applications.
The LNA is housed in a 6-pin SOT363 plastic SMD package.
1.2 Features and benefits
 Voltage supply of 3.3 V
 Internally biased
 Programmable between Gp = 14 dB and bypass
 Flat gain between 40 MHz and 1 GHz
 Noise figure of 2.8 dB
 High linearity with an IP3O of 29 dBm
 75  input and output impedance
 Power-down during bypass mode
 Bypass mode current consumption < 5 mA
 ESD protection > 2 kV Human Body Model (HBM) and >1.5 kV Charged Device Model
(CDM) on all pins
1.3 Applications
 Terrestrial and cable Set-Top Boxes (STB)
 Silicon and “Can” tuners
 Personal Video Recorders (PVR) and Digital Video Recorders (DVR)
 Home networking and in-house signal distribution




Similar Part No. - BGU7045

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGU7045 NXP-BGU7045 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results


Similar Description - BGU7045

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_09 Datasheet
779Kb / 42P
Low Noise Amplifier with Bypass Switch
MC13850 FREESCALE-MC13850 Datasheet
3Mb / 54P
Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
BGU7044 PHILIPS-BGU7044 Datasheet
163Kb / 10P
1 GHz wideband low-noise amplifier
Rev. 1-2 January 2012
logo
Skyworks Solutions Inc.
RFX5000B SKYWORKS-RFX5000B Datasheet
638Kb / 7P
Low Noise Amplifier with Bypass
RFX8055 SKYWORKS-RFX8055 Datasheet
401Kb / 6P
Low Noise Amplifier with Bypass Mode
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Analog Devices
HMC8414 AD-HMC8414 Datasheet
3Mb / 34P
Low Noise Amplifier with Bypass Switch 0.1 GHz to 10 GHz
Rev. 0
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com