Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002DW-7-F. Datasheet (PDF) - Multicomp Pro

2N7002DW-7-F. Datasheet PDF - Multicomp Pro
Part # 2N7002DW-7-F.
Download  2N7002DW-7-F. Download
File Size   1096.04 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description N-Channel Enhancement Mode Field Effect Transistor

2N7002DW-7-F. Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002DW-7-F. Datasheet PDF - Multicomp Pro

Part # 2N7002DW-7-F.
Download  2N7002DW-7-F. Click to download

File Size   1096.04 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description N-Channel Enhancement Mode Field Effect Transistor

2N7002DW-7-F. Datasheet (HTML) - Multicomp Pro


2N7002DW-7-F. Product details

[Features]
• Dual N-Channel MOSFET
• Low On-Resistance
• Low Gate Threshold Voltage SOT-363
• Low Input Capacitance
• Fast Switching Speed
• Low Input/Output Leakage

[Applications]
• N-Channel Enhancement Mode Effect Transistor
• Switching Application
Maximum Ratings:
Ratings at 25°C unless otherwise specified.
Parameter Symbol Value Units
Drain-Source voltage VDSS 60 V
Drain-Gate voltage (RGS ≤1MΩ) VDGR 60 V
Gate -source voltage - continuous ±20
VGSS V
-Non Repetitive (tp <50μs) ±40
Maximum drain current -continuous 115
ID mA
-Pulsed 800
Power dissipation PD 200 mW
Thermal resistance, junction-to-ambient RθJA 625 °C/W
Junction and storage temperature TJ, Tstg -55 to +150 °C




Similar Part No. - 2N7002DW-7-F.

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2N7002DW-7-F DIODES-2N7002DW-7-F Datasheet
164Kb / 3P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30120 Rev. 8 - 2
2N7002DW-7-F DIODES-2N7002DW-7-F Datasheet
89Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30120 Rev. 12 - 2
2N7002DW-7-F DIODES-2N7002DW-7-F Datasheet
217Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 16
2N7002DW-7-F DIODES-2N7002DW-7-F Datasheet
402Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 17
More results


Similar Description - 2N7002DW-7-F.

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com