Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2855IDE Datasheet (PDF) - Analog Devices

LTC2855IDE Datasheet PDF - Analog Devices
Part # LTC2855IDE
Download  LTC2855IDE Download
File Size   371.34 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination

LTC2855IDE Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC2855IDE Datasheet PDF - Analog Devices

Part # LTC2855IDE
Download  LTC2855IDE Click to download

File Size   371.34 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination

LTC2855IDE Datasheet (HTML) - Analog Devices


LTC2855IDE Product details

Integrated, Logic-Selectable 120Ω Termination Resistor
3.3V Supply Voltage
20Mbps Maximum Data Rate
No Damage or Latchup Up to ±25kV HBM
High Input Impedance Supports 256 Nodes (C-, I‑Grade)
Operation Up to 125°C (H-Grade)
Guaranteed Failsafe Receiver Operation Over the
Entire Common Mode Range
Current Limited Drivers and Thermal Shutdown
Delayed Micropower Shutdown: 5μA Maximum (C-, I-Grade)
Power Up/Down Glitch-Free Driver Outputs
Low Operating Current: 370μA Typical in Receive Mode
Compatible with TIA/EIA-485-A Specifications
Available in 10-Pin 3mm × 3mm DFN, 12-Pin
4mm × 3mm DFN and 16-Pin SSOP Packages
FEATURES




Similar Part No. - LTC2855IDE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2855IDE LINER-LTC2855IDE Datasheet
234Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2855IDEPBF LINER-LTC2855IDEPBF Datasheet
234Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2855IDETRPBF LINER-LTC2855IDETRPBF Datasheet
234Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
More results


Similar Description - LTC2855IDE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2854 LINER-LTC2854 Datasheet
234Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2859 LINER-LTC2859 Datasheet
258Kb / 16P
20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859IDD LINER-LTC2859IDD Datasheet
259Kb / 16P
20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2854 LINER-LTC2854_15 Datasheet
227Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2855 LINER-LTC2855_15 Datasheet
227Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859_15 Datasheet
344Kb / 18P
20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2861 LINER-LTC2861_15 Datasheet
344Kb / 18P
20Mbps RS485 Transceivers with Integrated Switchable Termination
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com