Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3777 Datasheet (PDF) - Analog Devices

LTC3777 Datasheet PDF - Analog Devices
Part # LTC3777
Download  LTC3777 Download
File Size   2781.01 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 150V VIN and VOUT Synchronous 4-Switch Buck-Boost Controller Switching Bias Supply

LTC3777 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3777 Datasheet PDF - Analog Devices

Part # LTC3777
Download  LTC3777 Click to download

File Size   2781.01 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 150V VIN and VOUT Synchronous 4-Switch Buck-Boost Controller Switching Bias Supply

LTC3777 Datasheet (HTML) - Analog Devices


LTC3777 Product details

FEATURES
4-Switch Current Mode Single Inductor Architecture
Allows VIN Above, Below or Equal to VOUT
Wide VIN Range: 4.5V to 150V
Wide Output Voltage Range: 1.2V ≤ VOUT ≤ 150V
Synchronous Rectification: Up to 99% Efficiency
±1% 1.2V Voltage Reference
Input or Output Average Current Limit
Integrated 12μA IQ, 150V, 85mA, Switching Bias
for Optimal Thermal Performance
Programmable 6V to 10V DRVCC Optimizes Efficiency
No Top FET Refresh Noise in Boost or Buck Mode
VOUT Disco ected from VIN During Shutdown
Phase-Lockable Fixed Frequency (50kHz to 600kHz)
No Reverse Current During Start-Up
150V Rated RUN Pin with Accurate Turn-On Threshold
Thermally Enhanced 48-Lead e-LQFP Package




Similar Part No. - LTC3777

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3777 LINER-LTC3777 Datasheet
2Mb / 38P
150V VIN and VOUT Synchronous 4-Switch Buck-Boost Controller Switching Bias Supply
logo
Analog Devices
LTC3777 AD-LTC3777 Datasheet
1Mb / 28P
70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing
Rev. 0
LTC3777 AD-LTC3777 Datasheet
1Mb / 59P
100V VIN and VOUT Synchronous 4-Switch Multiphase Buck-Boost DC/DC Controller
Rev. A
More results


Similar Description - LTC3777

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8705 LINER-LT8705_15 Datasheet
544Kb / 44P
80V VIN and VOUT Synchronous 4-Switch Buck- Boost DC/DC Controller
logo
Texas Instruments
LM5175 TI-LM5175_15 Datasheet
1Mb / 37P
LM5175 42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175 TI1-LM5175 Datasheet
1Mb / 38P
42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175-Q1 TI1-LM5175-Q1 Datasheet
1Mb / 37P
42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176 Datasheet
1Mb / 37P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
logo
Linear Technology
LT8705A LINER-LT8705A Datasheet
373Kb / 10P
80V VIN and VOUT Synchronous 4-Switch Buck-Boost DC/DC Controller
LTC3777 LINER-LTC3777 Datasheet
2Mb / 38P
150V VIN and VOUT Synchronous 4-Switch Buck-Boost Controller Switching Bias Supply
logo
Texas Instruments
LM5176-Q1 TI1-LM5176-Q1 Datasheet
1Mb / 38P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM34936 TI1-LM34936 Datasheet
1Mb / 39P
30-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176_19 Datasheet
2Mb / 37P
55-V Wide VIN synchronous 4-switch buck-boost controller
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com